Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSE200 Datasheet (PDF) - Fairchild Semiconductor

KSE200 Datasheet PDF - Fairchild Semiconductor
Part # KSE200
Download  KSE200 Download

File Size   42.91 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Feature

KSE200 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSE200 Datasheet PDF - Fairchild Semiconductor

Part # KSE200
Download  KSE200 Click to download

File Size   42.91 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Feature

KSE200 Datasheet (HTML) - Fairchild Semiconductor

KSE200 Datasheet HTML 1Page - Fairchild Semiconductor KSE200 Datasheet HTML 2Page - Fairchild Semiconductor KSE200 Datasheet HTML 3Page - Fairchild Semiconductor KSE200 Datasheet HTML 4Page - Fairchild Semiconductor

KSE200 Product details

Feature
• Low Collector-Emitter Saturation Voltage
• High Current Gain Bandwidth Product : fT=65MHz @ IC=100mA (Min.)
• Complement to KSE210




Similar Part No. - KSE200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE210 FAIRCHILD-KSE210 Datasheet
42Kb / 4P
   Feature
KSE2955 FAIRCHILD-KSE2955 Datasheet
38Kb / 4P
   General Purpose and Switching Applications
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
More results


Similar Description - KSE200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5047 FAIRCHILD-KSC5047 Datasheet
41Kb / 4P
   Feature
KSE5020 FAIRCHILD-KSE5020 Datasheet
44Kb / 4P
   Feature
KSD1691 FAIRCHILD-KSD1691 Datasheet
47Kb / 5P
   Feature
KSE210 FAIRCHILD-KSE210 Datasheet
42Kb / 4P
   Feature
KSD1692 FAIRCHILD-KSD1692 Datasheet
50Kb / 4P
   Feature
MJE210 FAIRCHILD-MJE210 Datasheet
41Kb / 4P
   Feature
logo
Everlight Electronics C...
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
EALP03RDARA6 EVERLIGHT-EALP03RDARA6 Datasheet
189Kb / 9P
   Long life feature.
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com