Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSE2955T Datasheet (PDF) - Fairchild Semiconductor

KSE2955T Datasheet PDF - Fairchild Semiconductor
Part # KSE2955T
Download  KSE2955T Download

File Size   38.33 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description General Purpose and Switching Applications

KSE2955T Datasheet (PDF)

Go To PDF Page Download Datasheet
KSE2955T Datasheet PDF - Fairchild Semiconductor

Part # KSE2955T
Download  KSE2955T Click to download

File Size   38.33 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description General Purpose and Switching Applications

KSE2955T Datasheet (HTML) - Fairchild Semiconductor

KSE2955T Datasheet HTML 1Page - Fairchild Semiconductor KSE2955T Datasheet HTML 2Page - Fairchild Semiconductor KSE2955T Datasheet HTML 3Page - Fairchild Semiconductor KSE2955T Datasheet HTML 4Page - Fairchild Semiconductor

KSE2955T Product details

General Purpose and Switching Applications

• DC Current Gain Specified to IC = 10 A
• High Current Gain Bandwidth Product : fT = 2MHz (Min.)




Similar Part No. - KSE2955T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE200 FAIRCHILD-KSE200 Datasheet
42Kb / 4P
   Feature
KSE210 FAIRCHILD-KSE210 Datasheet
42Kb / 4P
   Feature
More results


Similar Description - KSE2955T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE3055T FAIRCHILD-KSE3055T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
MJE3055T FAIRCHILD-MJE3055T Datasheet
36Kb / 4P
   General Purpose and Switching Applications
MJE2955T FAIRCHILD-MJE2955T Datasheet
37Kb / 4P
   General Purpose and Switching Applications
KSE8355T FAIRCHILD-KSE8355T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
logo
Boca Semiconductor Corp...
TIP31 BOCA-TIP31 Datasheet
25Kb / 2P
   General Purpose Amplifier and Switching Applications
TIP41 BOCA-TIP41 Datasheet
25Kb / 2P
   General Purpose Amplifier and Switching Applications
TIP29 BOCA-TIP29 Datasheet
26Kb / 2P
   General purpose Amplifier and Switching Applications
logo
Samsung semiconductor
MJE3055T SAMSUNG-MJE3055T Datasheet
216Kb / 6P
   NPN (GENERAL PURPOSE AND SWITCHING APPLICATIONS)
logo
Sanyo Semicon Device
2SK3912 SANYO-2SK3912 Datasheet
38Kb / 4P
   General-Purpose Switching Device Applications
2SK3819 SANYO-2SK3819 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com