Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSP25 Datasheet (PDF) - Fairchild Semiconductor

KSP25 Datasheet PDF - Fairchild Semiconductor
Part # KSP25
Download  KSP25 Download

File Size   32.83 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Darlington Transistor

KSP25 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSP25 Datasheet PDF - Fairchild Semiconductor

Part # KSP25
Download  KSP25 Click to download

File Size   32.83 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Darlington Transistor

KSP25 Datasheet (HTML) - Fairchild Semiconductor

KSP25 Datasheet HTML 1Page - Fairchild Semiconductor KSP25 Datasheet HTML 2Page - Fairchild Semiconductor KSP25 Datasheet HTML 3Page - Fairchild Semiconductor KSP25 Datasheet HTML 4Page - Fairchild Semiconductor

KSP25 Product details

Darlington Transistor

• Collector-Emitter Voltage: VCES=KSP25: 40V

                                            KSP26: 50V

                                           KSP27: 60V

• Collector Power Dissipation: PC (max) =625mW




Similar Part No. - KSP25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSP2 ETC1-KSP2 Datasheet
133Kb / 2P
   KS SERIES KEY SWITCHES
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
KSP2222A FAIRCHILD-KSP2222A Datasheet
24Kb / 3P
   General Purpose Transistor
KSP2222A FAIRCHILD-KSP2222A Datasheet
110Kb / 3P
   NPN General Purpose Amplifier
KSP2222A FAIRCHILD-KSP2222A Datasheet
110Kb / 3P
   NPN General Purpose Amplifier
More results


Similar Description - KSP25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT6427LT1 MOTOROLA-MMBT6427LT1 Datasheet
249Kb / 8P
   Darlington Transistor
logo
Fairchild Semiconductor
KSP63TA FAIRCHILD-KSP63TA Datasheet
40Kb / 4P
   Darlington Transistor
logo
Unisonic Technologies
PZTA14 UTC-PZTA14_15 Datasheet
102Kb / 2P
   DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1G ONSEMI-MMBT6427LT1G Datasheet
192Kb / 6P
   Darlington Transistor
October, 2016 ??Rev. 5
logo
Unisonic Technologies
MPSA14 UTC-MPSA14 Datasheet
52Kb / 2P
   DARLINGTON TRANSISTOR
PZTA14 UTC-PZTA14 Datasheet
51Kb / 2P
   DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSP12 FAIRCHILD-KSP12 Datasheet
33Kb / 4P
   Darlington Transistor
KST63 FAIRCHILD-KST63 Datasheet
53Kb / 4P
   Darlington Transistor
logo
Motorola, Inc
MPSA28 MOTOROLA-MPSA28 Datasheet
130Kb / 4P
   Darlington Transistor
MPSA62 MOTOROLA-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistor
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com