Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSP2907A Datasheet (PDF) - Fairchild Semiconductor

KSP2907A Datasheet PDF - Fairchild Semiconductor
Part # KSP2907A
Download  KSP2907A Download

File Size   35.39 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description General Purpose Transistor

KSP2907A Datasheet (PDF)

Go To PDF Page Download Datasheet
KSP2907A Datasheet PDF - Fairchild Semiconductor

Part # KSP2907A
Download  KSP2907A Click to download

File Size   35.39 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description General Purpose Transistor

KSP2907A Datasheet (HTML) - Fairchild Semiconductor

KSP2907A Datasheet HTML 1Page - Fairchild Semiconductor KSP2907A Datasheet HTML 2Page - Fairchild Semiconductor KSP2907A Datasheet HTML 3Page - Fairchild Semiconductor KSP2907A Datasheet HTML 4Page - Fairchild Semiconductor

KSP2907A Product details

Features
• Collector-Emitter Voltage: VCEO= 60V
• Collector Power Dissipation: PC (max)=625mW
• Suffix “-C” means a Center Collector (1.Emitter 2.Collector 3.Base)
• Non suffix “-C” means a Side Collector (1.Emitter 2.Base 3.Collector)
• Available as PN2907A




Similar Part No. - KSP2907A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP2907A FAIRCHILD-KSP2907A Datasheet
149Kb / 5P
   PNP General Purpose Amplifier
KSP2907ABU FAIRCHILD-KSP2907ABU Datasheet
149Kb / 5P
   PNP General Purpose Amplifier
KSP2907ACBU FAIRCHILD-KSP2907ACBU Datasheet
149Kb / 5P
   PNP General Purpose Amplifier
KSP2907ACTA FAIRCHILD-KSP2907ACTA Datasheet
149Kb / 5P
   PNP General Purpose Amplifier
KSP2907ATA FAIRCHILD-KSP2907ATA Datasheet
149Kb / 5P
   PNP General Purpose Amplifier
More results


Similar Description - KSP2907A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com