Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8443 Datasheet (PDF) - Asahi Kasei Microsystems

AK8443 Datasheet PDF - Asahi Kasei Microsystems
Part # AK8443
Download  AK8443 Download

File Size   333.4 Kbytes
Page   29 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 16bit 30MSPS video ADC with CCD/CIS interface

AK8443 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK8443 Datasheet PDF - Asahi Kasei Microsystems

Part # AK8443
Download  AK8443 Click to download

File Size   333.4 Kbytes
Page   29 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 16bit 30MSPS video ADC with CCD/CIS interface

AK8443 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK8443 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8443 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8443 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8443 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8443 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8443 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8443 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8443 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8443 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8443 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK8443 Product details

Features
□ CCD I/F
    Channel number 3ch (2ch.)
    D-Range 1.764Vpp / 2.341Vpp ( typ.)
    CDS circuit Pos. /Neg. polarity
□ ADC
    Max. Conversion Rate 30MSPS (10MSPS/ch)
    Resolution 16bit (straight binary code)
□ Offset DAC
    Range ±321mV (normal input range)
    Resolution 8bit
□ PGA
    Range 0dB~22dB
    Resolution 7bit
□ Output format 8bit x 2 Æ 16bit or 4bit x 4 Æ 16bit
□ Power supply 3.3V±0.3V
□ CPU I/F 3 Wire Serial Interface
□ Power consumption 365 mW (typ.)
□ Operation Temperature: 0°C~70°C
□ Package 28pin QFN with radiation PAD in solder side




Similar Part No. - AK8443

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8441 AKM-AK8441 Datasheet
96Kb / 3P
   6 Channel 10 Bit 35MSPS/ch AFE for Linear CCD
AK8448 AKM-AK8448 Datasheet
1Mb / 53P
   6-Channel Linear Sensor compatible 10 Bit 40 MSPS x 3 Analog Pre-Processor
More results


Similar Description - AK8443

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8456 AKM-AK8456 Datasheet
761Kb / 32P
   3 channel input 16bit 30MSPS Video ADC with LED driver
logo
Exar Corporation
XRD9828 EXAR-XRD9828 Datasheet
148Kb / 2P
   10-Bit Linear CIS/CCD Sensor Signal Processor with Parallel Interface
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Epson Company
S7R77021 EPSON-S7R77021 Datasheet
85Kb / 2P
   CCD/CIS Signal Processor with Timing Generator
logo
Maxim Integrated Produc...
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
   12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355 Datasheet
120Kb / 14P
   LOW POWER 16BIT ADC
logo
Samsung semiconductor
BL8531H SAMSUNG-BL8531H Datasheet
219Kb / 30P
   AFE FOR CCD/CIS SIGNAL PROCESSOR
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com