Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF351 Datasheet (PDF) - Fairchild Semiconductor

LF351 Datasheet PDF - Fairchild Semiconductor
Part # LF351
Download  LF351 Download

File Size   40.6 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Operational Amplifier (JFET)

LF351 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF351 Datasheet PDF - Fairchild Semiconductor

Part # LF351
Download  LF351 Click to download

File Size   40.6 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Operational Amplifier (JFET)

LF351 Datasheet (HTML) - Fairchild Semiconductor

LF351 Datasheet HTML 1Page - Fairchild Semiconductor LF351 Datasheet HTML 2Page - Fairchild Semiconductor LF351 Datasheet HTML 3Page - Fairchild Semiconductor LF351 Datasheet HTML 4Page - Fairchild Semiconductor LF351 Datasheet HTML 5Page - Fairchild Semiconductor LF351 Datasheet HTML 6Page - Fairchild Semiconductor LF351 Datasheet HTML 7Page - Fairchild Semiconductor LF351 Datasheet HTML 8Page - Fairchild Semiconductor

LF351 Product details

Description
The LF351 is JFET input operational amplifier with an internally compensated input offset voltage. The JFET input device provides wide bandwidth, low input bias currents and offset currents.

Features
• Internally trimmed offset voltage: 10mV
• Low input bias current : 50pA
• Wide gain bandwidth : 4MHz
• High slew rate : 13V/µs
• High input impedance : 1012Ω




Similar Part No. - LF351

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351 Datasheet
108Kb / 9P
   WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
   LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351 Datasheet
742Kb / 9P
   WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
LF351 STMICROELECTRONICS-LF351 Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
logo
Texas Instruments
LF351 TI1-LF351 Datasheet
449Kb / 14P
[Old version datasheet]   LF351 Wide Bandwidth JFET Input Operational Amplifier
More results


Similar Description - LF351

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KF351 FAIRCHILD-KF351 Datasheet
34Kb / 6P
   Single Operational Amplifier (JFET)
LF351MX FAIRCHILD-LF351MX Datasheet
46Kb / 8P
   Single Operational Amplifier (JFET)
logo
Tiger Electronic Co.,Lt...
LF351 TGS-LF351 Datasheet
189Kb / 5P
   Single Operational Amplifier (JFET)
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
   Low noise JFET single operational amplifier
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
logo
Fairchild Semiconductor
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
   Dual Operational Amplifier (JFET)
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LF347 FAIRCHILD-LF347 Datasheet
42Kb / 6P
   Quad Operational Amplifier (JFET)
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com