Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2035 Datasheet (PDF) - Fairchild Semiconductor

ML2035 Datasheet PDF - Fairchild Semiconductor
Part # ML2035
Download  ML2035 Download

File Size   168.57 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Serial Input Programmable Sine Wave Generator

ML2035 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2035 Datasheet PDF - Fairchild Semiconductor

Part # ML2035
Download  ML2035 Click to download

File Size   168.57 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Serial Input Programmable Sine Wave Generator

ML2035 Datasheet (HTML) - Fairchild Semiconductor

ML2035 Datasheet HTML 1Page - Fairchild Semiconductor ML2035 Datasheet HTML 2Page - Fairchild Semiconductor ML2035 Datasheet HTML 3Page - Fairchild Semiconductor ML2035 Datasheet HTML 4Page - Fairchild Semiconductor ML2035 Datasheet HTML 5Page - Fairchild Semiconductor ML2035 Datasheet HTML 6Page - Fairchild Semiconductor ML2035 Datasheet HTML 7Page - Fairchild Semiconductor ML2035 Datasheet HTML 8Page - Fairchild Semiconductor ML2035 Datasheet HTML 9Page - Fairchild Semiconductor

ML2035 Product details

GENERAL DESCRIPTION

The ML2035 is a monolithic sinewave generator whose output is programmable from DC to 25kHz. No external

components are required. The frequency of the sinewave output is derived from either an external crystal or clock input, providing a stable and accurate frequency reference. The frequency is programmed by a 16-bit serial data word. The ML2035 has a VOUT amplitude of ±VCC/2.



FEATURES

■ Programmable output frequency - DC to 25kHz

■ Low gain error and total harmonic distortion

■ 3-wire SPI compatible serial microprocessor interface with double buffered data latch

■ Fully integrated solution - no external components required

■ Frequency resolution of 1.5Hz (±0.75Hz) with a 12MHz clock input

■ Onboard 3 to 12MHz crystal oscillator

■ Synchronous or asynchronous data loading capability

■ Compatible with ML2031 and ML2032 tone detectors and ML2004 logarithmic gain/attenuator




Similar Part No. - ML2035

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2035CP MICRO-LINEAR-ML2035CP Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2035IP MICRO-LINEAR-ML2035IP Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
More results


Similar Description - ML2035

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
Analog Devices
3B42 AD-3B42 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B44 AD-3B44_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B42 AD-3B42_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
3B43 AD-3B43_15 Datasheet
357Kb / 8P
   Isolated AC Sine Wave Input
REV. 0
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com