Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-796J-560E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-796J-560E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-796J-560E
Download  ACPL-796J-560E Download

File Size   209.4 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Optically Isolated Sigma-Delta Modulator

ACPL-796J-560E Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-796J-560E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-796J-560E
Download  ACPL-796J-560E Click to download

File Size   209.4 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Optically Isolated Sigma-Delta Modulator

ACPL-796J-560E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-796J-560E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

ACPL-796J-560E Product details

Description
The ACPL-796J is a 1-bit, second-order sigma-delta (Σ-Δ) modulator converts an analog input signal into a high-speed data stream with galvanic isolation based on optical coupling technology. The ACPL-796J operates from a 5 V power supply with dynamic range of 80 dB with an appropriate digital filter. The differential inputs of ±200 mV (full scale ±320 mV) are ideal for direct connection to shunt resistors or other low-level signal sources in applications such as motor phase current measurement.

Features
• 5 MHz to 20 MHz external clock input range
• 1-bit, second-order sigma-delta modulator
• 16 bits resolution no missing codes (12 bits ENOB)
• 74 dB minimum SNR
• 3.5 μV/°C maximum offset drift
• ±1% maximum gain error
• Internal reference voltage
• ±200 mV linear range with single 5 V supply
• 3 V to 5.5 V wide supply range for digital interface
• –40°C to +105°C operating temperature range
• SO-16 package
• 25 kV/μs common-mode transient immunity
• Safety and regulatory approval:
    IEC/EN/DIN EN 60747-5-5: 1414 Vpeak working
    insulation voltage
    UL 1577: 5000 Vrms/1min double protection rating
    CSA: Component Acceptance Notice #5

Applications
• Motor phase and rail current sensing
• Power inverter current and voltage sensing
• Industrial process control
• Data acquisition systems
• General purpose current and voltage sensing
• Traditional current transducer replacements




Similar Part No. - ACPL-796J-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J AVAGO-ACPL-796J Datasheet
305Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results


Similar Description - ACPL-796J-560E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
logo
Agilent(Hewlett-Packard...
HCPL-786J HP-HCPL-786J Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com