Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS2924 Datasheet (PDF) - Fairchild Semiconductor

MPS2924 Datasheet PDF - Fairchild Semiconductor
Part # MPS2924
Download  MPS2924 Download

File Size   41.97 Kbytes
Page   1 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description NPN Small Signal General Purpose Amplifier

MPS2924 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS2924 Datasheet PDF - Fairchild Semiconductor

Part # MPS2924
Download  MPS2924 Click to download

File Size   41.97 Kbytes
Page   1 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description NPN Small Signal General Purpose Amplifier

MPS2924 Datasheet (HTML) - Fairchild Semiconductor

MPS2924 Datasheet HTML 1Page - Fairchild Semiconductor

MPS2924 Product details

NPN Small Signal General Purpose Amplifier

• VCEO. 25V (Min)
• hFE ... 150-300 @ 2.0 mA




Similar Part No. - MPS2924

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPS290 BOWEI-MPS290 Datasheet
231Kb / 3P
   Fixecd PLL synthesizer
logo
Motorola, Inc
MPS2907 MOTOROLA-MPS2907 Datasheet
245Kb / 6P
   General Purpose Transistors
logo
ON Semiconductor
MPS2907 ONSEMI-MPS2907 Datasheet
115Kb / 8P
   General Purpose Transistors(PNP Silicon)
October, 2001 ??Rev. 0
logo
Samsung semiconductor
MPS2907 SAMSUNG-MPS2907 Datasheet
74Kb / 2P
   PNP (GENERAL PURPOSE TRANSISTOR)
MPS2907 SAMSUNG-MPS2907 Datasheet
36Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
More results


Similar Description - MPS2924

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3691 NJSEMI-2N3691 Datasheet
129Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N5223 FAIRCHILD-2N5223 Datasheet
279Kb / 9P
   NPN Small Signal General Purpose Amplifier & Oscillator
logo
Micro Commercial Compon...
MMBTA05 MCC-MMBTA05_11 Datasheet
670Kb / 4P
   NPN Small Signal General Purpose Amplifier Transistors
MMBTA05 MCC-MMBTA05_15 Datasheet
799Kb / 6P
   NPN Small Signal General Purpose Amplifier Transistors
MMBTA05 MCC-MMBTA05 Datasheet
503Kb / 4P
   NPN Small Signal General Purpose Amplifier Transistors
logo
Fairchild Semiconductor
2N3946 FAIRCHILD-2N3946 Datasheet
307Kb / 9P
   NPN Small Signal General Purpose Amplifier & Switch
logo
New Jersey Semi-Conduct...
2N4124 NJSEMI-2N4124 Datasheet
114Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
2N3904 NJSEMI-2N3904 Datasheet
174Kb / 2P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
2N5550 NJSEMI-2N5550 Datasheet
157Kb / 2P
   NPN SMALL SIGNAL HIGH VOLTAGE GENERAL PURPOSE AMPLIFIER
logo
Rohm
BC847B ROHM-BC847B_V01 Datasheet
1Mb / 10P
   General purpose small signal amplifier
20190128 - Rev.003
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com