Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSX532 Datasheet (PDF) - Fairchild Semiconductor

MSX532 Datasheet PDF - Fairchild Semiconductor
Part # MSX532
Download  MSX532 Download

File Size   677.98 Kbytes
Page   36 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 532 Port Digital Crosspoint Switch with LVTTL I/O?셲

MSX532 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSX532 Datasheet PDF - Fairchild Semiconductor

Part # MSX532
Download  MSX532 Click to download

File Size   677.98 Kbytes
Page   36 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 532 Port Digital Crosspoint Switch with LVTTL I/O?셲

MSX532 Datasheet (HTML) - Fairchild Semiconductor

Back Button MSX532 Datasheet HTML 1Page - Fairchild Semiconductor MSX532 Datasheet HTML 2Page - Fairchild Semiconductor MSX532 Datasheet HTML 3Page - Fairchild Semiconductor MSX532 Datasheet HTML 4Page - Fairchild Semiconductor MSX532 Datasheet HTML 5Page - Fairchild Semiconductor MSX532 Datasheet HTML 6Page - Fairchild Semiconductor MSX532 Datasheet HTML 7Page - Fairchild Semiconductor MSX532 Datasheet HTML 8Page - Fairchild Semiconductor MSX532 Datasheet HTML 9Page - Fairchild Semiconductor MSX532 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

MSX532 Product details

General Description
The MSX family of SRAM-based bit-oriented switching devices offer flow-through NRZ data rates of up to 150Mb/s and registered clock frequencies of up to 75MHz. The I/O buffers are individually configurable. The I/O buffers can be connected to each other through the switch matrix, which supports One-to-One and One-to-Many connections.

Features
■ SRAM-based, in-system programmable
■ Configurable I/O Ports
    • Individually programmable as input, output, bi-directional, or Bus Repeater mode
    • Control Signals per I/O port: 2 input enables, 2 output enables, 2 Global Clock inputs and Next Neighbor Clock option
    • Output data inversion: capable of inverting output signals in flow through mode
■ Non-blocking switch matrix
• One-to-One and One-to-Many connections Double-buffered configuration RAM cells for simultaneous global updates
■ Registered and flow-through data modes
    • Up to 75 MHz clock frequency in registered mode
    • Up to 150 Mb/s in flow-through mode
■ 20 ns propagation delay in flow-through mode
■ 8 mA output current
■ Dedicated RapidConfigure parallel interface or JTAG serial interface available for configuration and readback of MSX devices
■ 3.3V operation, LVTTL I/Os (5V tolerant)
■ MSX532 is offered in a 792 TBGA package

Applications
• Telecom and datacom switching
• Video switches and servers
• Test equipment




Similar Part No. - MSX532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSX-50 ETC2-MSX-50 Datasheet
212Kb / 2P
   Photovoltaic Modules
logo
Teledyne Technologies I...
MSX025BADNC TELEDYNE-MSX025BADNC Datasheet
970Kb / 4P
   X-Band GaN SSPA
logo
Vishay Siliconix
MSX1PB VISHAY-MSX1PB Datasheet
108Kb / 5P
   Surface-Mount ESD Capability Rectifier
Revision: 24-Jan-18
MSX1PB VISHAY-MSX1PB Datasheet
117Kb / 5P
   Surface-Mount ESD Capability Rectifier
01-Jan-2022
MSX1PB VISHAY-MSX1PB_V01 Datasheet
117Kb / 5P
   Surface-Mount ESD Capability Rectifier
01-Jan-2022
More results


Similar Description - MSX532

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
ADL Embedded Solutions
P104-DIO-96 ADL-P104-DIO-96 Datasheet
1Mb / 2P
   96 High-Speed Digital I/O?셲
logo
Analog Devices
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
   Digital Crosspoint Switch with EQ
REV. 0
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
logo
Maxim Integrated Produc...
MAX4357 MAXIM-MAX4357 Datasheet
792Kb / 42P
   32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
MAX4357 MAXIM-MAX4357_09 Datasheet
823Kb / 42P
   32 x 16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 1; 5/09
logo
Micrel Semiconductor
SY58024U MICREL-SY58024U Datasheet
132Kb / 11P
   CROSSPOINT SWITCH CML OUTPUTS AND INTERNAL I/O TERMINATION
logo
ADL Embedded Solutions
USB-DIO-96 ADL-USB-DIO-96 Datasheet
268Kb / 3P
   96 High-Speed Digital I/O?셲 in rugged enclosure
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
logo
Moxa Inc.
E1200 MOXA-E1200 Datasheet
2Mb / 9P
   Ethernet remote I/O with 2-port Ethernet switch
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com