Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP34L6X Datasheet (PDF) - Fairchild Semiconductor

NC7SP34L6X Datasheet PDF - Fairchild Semiconductor
Part # NC7SP34L6X
Download  NC7SP34L6X Download

File Size   308.36 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic ULP Single Buffer

NC7SP34L6X Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SP34L6X Datasheet PDF - Fairchild Semiconductor

Part # NC7SP34L6X
Download  NC7SP34L6X Click to download

File Size   308.36 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic ULP Single Buffer

NC7SP34L6X Datasheet (HTML) - Fairchild Semiconductor

NC7SP34L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SP34L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SP34L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SP34L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SP34L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SP34L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SP34L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SP34L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SP34L6X Datasheet HTML 9Page - Fairchild Semiconductor

NC7SP34L6X Product details

General Description
The NC7SP34 is a single buffer from Fairchild’s Ultra Low Power (ULP) Series of TinyLogic. Ideal for applications where battery life is critical, this product is designed for ultra low power consumption within the VCC operating range of 0.9V to 3.6V VCC.
   
Features
■ 0.9V to 3.6V VCC supply operation
■ 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
■ tPD
    4.0 ns typ for 3.0V to 3.6V VCC
    5.0 ns typ for 2.3V to 2.7V VCC
    6.0 ns typ for 1.65V to 1.95V VCC
    7.0 ns typ for 1.40V to 1.60V VCC
    11.0 ns typ for 1.10V to 1.30V VCC
    27.0 ns typ for 0.90V VCC
■ Power-Off high impedance inputs and outputs
■ Static Drive (IOH/IOL)
    ±2.6 mA @ 3.00V VCC
    ±2.1 mA @ 2.30V VCC
    ±1.5 mA @ 1.65V VCC
    ±1.0 mA @ 1.40V VCC
    ±0.5 mA @ 1.10V VCC
    ±20 µA @ 0.9V VCC
■ Uses patented Quiet Series noise/EMI reduction circuitry
■ Ultra small MicroPak leadfree package
■ Ultra low dynamic power
   




Similar Part No. - NC7SP34L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP34L6X FAIRCHILD-NC7SP34L6X Datasheet
297Kb / 9P
   TinyLogic ULP Single Buffer
logo
ON Semiconductor
NC7SP34L6X ONSEMI-NC7SP34L6X Datasheet
392Kb / 11P
   TinyLogic ULP Single Buffer
Revised March 2004
NC7SP34L6X ONSEMI-NC7SP34L6X Datasheet
296Kb / 9P
   TinyLogic ULP-A Buffer
February, 2021 ??Rev. 2
More results


Similar Description - NC7SP34L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP34 FAIRCHILD-NC7SP34_04 Datasheet
297Kb / 9P
   TinyLogic ULP Single Buffer
logo
ON Semiconductor
NC7SP34 ONSEMI-NC7SP34 Datasheet
392Kb / 11P
   TinyLogic ULP Single Buffer
Revised March 2004
logo
Fairchild Semiconductor
NC7SV34 FAIRCHILD-NC7SV34 Datasheet
308Kb / 9P
   TinyLogic ULP-A Single Buffer
NC7SV34 FAIRCHILD-NC7SV34_04 Datasheet
298Kb / 9P
   TinyLogic ULP-A Single Buffer
logo
ON Semiconductor
NC7SV34 ONSEMI-NC7SV34 Datasheet
392Kb / 11P
   TinyLogic ULP-A Single Buffer
Revised March 2004
logo
Fairchild Semiconductor
NC7NP34 FAIRCHILD-NC7NP34_05 Datasheet
222Kb / 9P
   TinyLogic ULP Triple Buffer
NC7NP34 FAIRCHILD-NC7NP34 Datasheet
141Kb / 8P
   TinyLogic ULP Triple Buffer
logo
ON Semiconductor
NC7NP34 ONSEMI-NC7NP34 Datasheet
320Kb / 11P
   TinyLogic ULP Triple Buffer
Revised January 2005
NC7SP34 ONSEMI-NC7SP34_V01 Datasheet
296Kb / 9P
   TinyLogic ULP-A Buffer
February, 2021 ??Rev. 2
NC7SV34 ONSEMI-NC7SV34_V01 Datasheet
334Kb / 9P
   TinyLogic ULP-A Buffer
April, 2021 ??Rev. 1
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com