Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDH8504P Datasheet (PDF) - Fairchild Semiconductor

NDH8504P Datasheet PDF - Fairchild Semiconductor
Part # NDH8504P
Download  NDH8504P Download

File Size   210.77 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual P-Channel Enhancement Mode Field Effect Transistor

NDH8504P Datasheet (PDF)

Go To PDF Page Download Datasheet
NDH8504P Datasheet PDF - Fairchild Semiconductor

Part # NDH8504P
Download  NDH8504P Click to download

File Size   210.77 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual P-Channel Enhancement Mode Field Effect Transistor

NDH8504P Datasheet (HTML) - Fairchild Semiconductor

NDH8504P Datasheet HTML 1Page - Fairchild Semiconductor NDH8504P Datasheet HTML 2Page - Fairchild Semiconductor NDH8504P Datasheet HTML 3Page - Fairchild Semiconductor NDH8504P Datasheet HTML 4Page - Fairchild Semiconductor NDH8504P Datasheet HTML 5Page - Fairchild Semiconductor NDH8504P Datasheet HTML 6Page - Fairchild Semiconductor NDH8504P Datasheet HTML 7Page - Fairchild Semiconductor NDH8504P Datasheet HTML 8Page - Fairchild Semiconductor NDH8504P Datasheet HTML 9Page - Fairchild Semiconductor NDH8504P Datasheet HTML 10Page - Fairchild Semiconductor

NDH8504P Product details

General Description
SuperSOTTM-8 P-Channel enhancement mode power field effect transistors are produced using Fairchilds proprietary, high cell density, DMOS technology. This very high density process is especially tailored to minimize on-state resistance. These devices are particularly suited for low voltage applications such as notebook computer power management and other battery powered circuits where fast high-side switching, and low in-line power loss are needed in a very small outline surface mount package.

Features
■ -2.7 A, -30 V. RDS(ON) = 0.07Ω @ VGS = -10 V
                          RDS(ON) = 0.115 Ω @ VGS = -4.5 V.
■ Proprietary SuperSOTTM-8 package design using copper lead frame for superior thermal and electrical capabilities.
■ High density cell design for extremely low RDS(ON).
■ Exceptional on-resistance and maximum DC current capability.




Similar Part No. - NDH8504P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8502P FAIRCHILD-NDH8502P Datasheet
72Kb / 7P
   Dual P-Channel Enhancement Mode Field Effect Transistor
NDH8503N FAIRCHILD-NDH8503N Datasheet
70Kb / 6P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - NDH8504P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com