Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS8435 Datasheet (PDF) - Fairchild Semiconductor

NDS8435 Datasheet PDF - Fairchild Semiconductor
Part # NDS8435
Download  NDS8435 Download

File Size   330.9 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single P-Channel Enhancement Mode Field Effect Transistor

NDS8435 Datasheet (PDF)

Go To PDF Page Download Datasheet
NDS8435 Datasheet PDF - Fairchild Semiconductor

Part # NDS8435
Download  NDS8435 Click to download

File Size   330.9 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single P-Channel Enhancement Mode Field Effect Transistor

NDS8435 Datasheet (HTML) - Fairchild Semiconductor

NDS8435 Datasheet HTML 1Page - Fairchild Semiconductor NDS8435 Datasheet HTML 2Page - Fairchild Semiconductor NDS8435 Datasheet HTML 3Page - Fairchild Semiconductor NDS8435 Datasheet HTML 4Page - Fairchild Semiconductor NDS8435 Datasheet HTML 5Page - Fairchild Semiconductor NDS8435 Datasheet HTML 6Page - Fairchild Semiconductor NDS8435 Datasheet HTML 7Page - Fairchild Semiconductor NDS8435 Datasheet HTML 8Page - Fairchild Semiconductor NDS8435 Datasheet HTML 9Page - Fairchild Semiconductor NDS8435 Datasheet HTML 10Page - Fairchild Semiconductor

NDS8435 Product details

General Description
SO-8 P-Channel enhancement mode power field effect transistors are produced using Fairchilds proprietary, high cell density, DMOS technology. This very high density process is especially tailored to minimize on-state resistance and provide superior switching performance. These devices are particularly suited for low voltage applications such as notebook computer power management and other battery powered circuits where fast switching, low in-line power loss, and resistance to transients are needed.

Features
■ -7A, -30V.
   RDS(ON) = 0.028W @ VGS = -10V
   RDS(ON) = 0.045W @ VGS = -4.5V.
■ High density cell design for extremely low RDS(ON).
■ High power and current handling capability in a widely used
   surface mount package.




Similar Part No. - NDS8435

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8435A FAIRCHILD-NDS8435A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Youtai Semico...
NDS8435A UMW-NDS8435A Datasheet
548Kb / 7P
   -30V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
NDS8435A-NL VBSEMI-NDS8435A-NL Datasheet
1,002Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results


Similar Description - NDS8435

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8435A FAIRCHILD-NDS8435A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP3056LSS DIODES-DMP3056LSS_17 Datasheet
600Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Fairchild Semiconductor
FDS9435A FAIRCHILD-FDS9435A Datasheet
66Kb / 5P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS8434A FAIRCHILD-NDS8434A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS9435A FAIRCHILD-NDS9435A Datasheet
219Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP3098LSS DIODES-DMP3098LSS_15 Datasheet
206Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Fairchild Semiconductor
NDS8433 FAIRCHILD-NDS8433 Datasheet
332Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS9400A FAIRCHILD-NDS9400A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMG4413LSS DIODES-DMG4413LSS Datasheet
90Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSS DIODES-DMP3056LSS Datasheet
176Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com