Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE4343 Datasheet (PDF) - ON Semiconductor

MJE4343 Datasheet PDF - ON Semiconductor
Part # MJE4343
Download  MJE4343 Download

File Size   138.54 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Voltage - High Power Transistors

MJE4343 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE4343 Datasheet PDF - ON Semiconductor

Part # MJE4343
Download  MJE4343 Click to download

File Size   138.54 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Voltage - High Power Transistors

MJE4343 Datasheet (HTML) - ON Semiconductor

MJE4343 Datasheet HTML 1Page - ON Semiconductor MJE4343 Datasheet HTML 2Page - ON Semiconductor MJE4343 Datasheet HTML 3Page - ON Semiconductor MJE4343 Datasheet HTML 4Page - ON Semiconductor MJE4343 Datasheet HTML 5Page - ON Semiconductor MJE4343 Datasheet HTML 6Page - ON Semiconductor MJE4343 Datasheet HTML 7Page - ON Semiconductor MJE4343 Datasheet HTML 8Page - ON Semiconductor

MJE4343 Product details

High-Voltage - High Power Transistors

. . . designed for use in high power audio amplifier applications and high voltage switching regulator circuits.

Features
• High Collector−Emitter Sustaining Voltage −
                                               NPN             PNP
    VCEO(sus) = 160 Vdc − MJE4343    MJE4353
• High DC Current Gain − @ IC = 8.0 Adc hFE = 35 (Typ)
• Low Collector−Emitter Saturation Voltage −
    VCE(sat) = 2.0 Vdc (Max) @ IC
                    = 8.0 Adc
• These are Pb−Free Devices




Similar Part No. - MJE4343

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE4343 MOSPEC-MJE4343 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
logo
Motorola, Inc
MJE4343 MOTOROLA-MJE4343 Datasheet
197Kb / 6P
   16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
logo
ON Semiconductor
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
logo
Savantic, Inc.
MJE4343 SAVANTIC-MJE4343 Datasheet
139Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
MJE4343 ONSEMI-MJE4343 Datasheet
147Kb / 7P
   High?뭋oltage  High Power Transistors
March, 2006 ??Rev. 4
More results


Similar Description - MJE4343

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
BU126 BOCA-BU126 Datasheet
121Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
ON Semiconductor
MJD340 ONSEMI-MJD340_16 Datasheet
93Kb / 6P
   High Voltage Power Transistors
June, 2016 ??Rev. 12
MJD47 ONSEMI-MJD47_11 Datasheet
115Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 10
NJVMJD50T4G ONSEMI-NJVMJD50T4G Datasheet
81Kb / 6P
   High Voltage Power Transistors
August, 2014 ??Rev. 15
logo
Boca Semiconductor Corp...
BU326 BOCA-BU326 Datasheet
129Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD350TF FAIRCHILD-MJD350TF Datasheet
43Kb / 4P
   High Voltage Power Transistors
logo
ON Semiconductor
MJE2955T ONSEMI-MJE2955T_15 Datasheet
66Kb / 4P
   High Voltage Power Transistors
January, 2015 ??Rev. 12
MJD47 ONSEMI-MJD47_14 Datasheet
81Kb / 6P
   High Voltage Power Transistors
August, 2014 ??Rev. 15
MJD340 ONSEMI-MJD340_11 Datasheet
126Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 8
logo
List of Unclassifed Man...
2N3773 ETC-2N3773 Datasheet
105Kb / 3P
   HIGH VOLTAGE, HIGH CURRENT POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com