Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT2907A Datasheet (PDF) - Fairchild Semiconductor

PZT2907A Datasheet PDF - Fairchild Semiconductor
Part # PZT2907A
Download  PZT2907A Download

File Size   58.25 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PNP General Purpose Amplifier

PZT2907A Datasheet (PDF)

Go To PDF Page Download Datasheet
PZT2907A Datasheet PDF - Fairchild Semiconductor

Part # PZT2907A
Download  PZT2907A Click to download

File Size   58.25 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PNP General Purpose Amplifier

PZT2907A Datasheet (HTML) - Fairchild Semiconductor

PZT2907A Datasheet HTML 1Page - Fairchild Semiconductor PZT2907A Datasheet HTML 2Page - Fairchild Semiconductor PZT2907A Datasheet HTML 3Page - Fairchild Semiconductor PZT2907A Datasheet HTML 4Page - Fairchild Semiconductor PZT2907A Datasheet HTML 5Page - Fairchild Semiconductor PZT2907A Datasheet HTML 6Page - Fairchild Semiconductor

PZT2907A Product details

Description
The PN2907A, MMBT2907A, and PZT2907A are 60 V-PNP bipolar transistors designed for use as a gen eral-purpose amplifier or switch in applications that require up to 500 mA. Offered in an ultra-small surface-mount package (SOT-223), the PZT2907A is ideal for space-constrained systems. The NPN complementary types are the PN2222A, MMBT2222A, and PZT2222A; respectively.

Features
• High DC Current Gain (hFE) Range: 100 – 300
• High-Current Gain Bandwidth Product (fT): 200 MHz (Minimum.)
• Maximum Turn-On Time (ton): 45 ns
• Maximum Turn-Off Time (toff): 100 ns
• Ultra-Small Surface-Mount Package: SOT-223 (PZT2907A)

Applications
• General-Purpose Amplifier
• Switch




Similar Part No. - PZT2907A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PZT2907A MOTOROLA-PZT2907A Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
PZT2907A WINNERJOIN-PZT2907A Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
PZT2907A ONSEMI-PZT2907A Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
August, 2013 ??Rev. 10
logo
NXP Semiconductors
PZT2907A PHILIPS-PZT2907A Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 14
More results


Similar Description - PZT2907A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com