Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QED522 Datasheet (PDF) - Fairchild Semiconductor

QED522 Datasheet PDF - Fairchild Semiconductor
Part # QED522
Download  QED522 Download

File Size   383.04 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PLASTIC INFRARED LIGHT EMITTING DIODE

QED522 Datasheet (PDF)

Go To PDF Page Download Datasheet
QED522 Datasheet PDF - Fairchild Semiconductor

Part # QED522
Download  QED522 Click to download

File Size   383.04 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PLASTIC INFRARED LIGHT EMITTING DIODE

QED522 Datasheet (HTML) - Fairchild Semiconductor

QED522 Datasheet HTML 1Page - Fairchild Semiconductor QED522 Datasheet HTML 2Page - Fairchild Semiconductor QED522 Datasheet HTML 3Page - Fairchild Semiconductor QED522 Datasheet HTML 4Page - Fairchild Semiconductor

QED522 Product details

DESCRIPTION
The QED522/523 is an 880 nm AlGaAs LED encapsulated in a clear, peach tinted, plastic TO-46 package.

FEATURES
• λ= 880 nm
• Chip material = AlGaAs
• Package type: Plastic TO-46
• Matched Photosensor: QSD722/723/724
• Narrow Emission Angle, 20°
• High Output Power
• Package material and color: clear, peach tinted, plastic




Similar Part No. - QED522

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QED522 QT-QED522 Datasheet
152Kb / 2P
   AIGAAS INFRARED EMITTING DIODE
More results


Similar Description - QED522

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QEE213 FAIRCHILD-QEE213_05 Datasheet
58Kb / 4P
   Plastic Infrared Light Emitting Diode
QEC121 FAIRCHILD-QEC121 Datasheet
130Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE213 FAIRCHILD-QEE213 Datasheet
281Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEC112 FAIRCHILD-QEC112 Datasheet
134Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QED221 FAIRCHILD-QED221 Datasheet
103Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QED422 FAIRCHILD-QED422 Datasheet
369Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE113E3R0 FAIRCHILD-QEE113E3R0 Datasheet
125Kb / 5P
   Plastic Infrared Light Emitting Diode
QED121 FAIRCHILD-QED121 Datasheet
358Kb / 3P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE113 FAIRCHILD-QEE113 Datasheet
332Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE122 FAIRCHILD-QEE122 Datasheet
332Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
logo
QT Optoelectronics
QED121 QT-QED121 Datasheet
86Kb / 2P
   PLASTIC INFRARED LIGHT EMITTING DIODE
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com