Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF12N60C Datasheet (PDF) - Kersemi Electronic Co., Ltd.

FQPF12N60C Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # FQPF12N60C
Download  FQPF12N60C Download

File Size   1074.33 Kbytes
Page   9 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 600V N-Channel MOSFET

FQPF12N60C Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF12N60C Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # FQPF12N60C
Download  FQPF12N60C Click to download

File Size   1074.33 Kbytes
Page   9 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description 600V N-Channel MOSFET

FQPF12N60C Datasheet (HTML) - Kersemi Electronic Co., Ltd.

FQPF12N60C Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. FQPF12N60C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. FQPF12N60C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. FQPF12N60C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. FQPF12N60C Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. FQPF12N60C Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. FQPF12N60C Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. FQPF12N60C Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. FQPF12N60C Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.

FQPF12N60C Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Corise Semiconductorÿs proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power supply.

Features
• 12A, 600V, RDS(on) = 0.65Ω @VGS = 10 V
• Low gate charge ( typical 48 nC)
• Low Crss ( typical 21 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQPF12N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF12N60C FAIRCHILD-FQPF12N60C Datasheet
873Kb / 10P
   FQP12N60C/FQPF12N60C
FQPF12N60C FAIRCHILD-FQPF12N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FQPF12N60C FAIRCHILD-FQPF12N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF12N60C ISC-FQPF12N60C Datasheet
303Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
FQPF12N60CT FAIRCHILD-FQPF12N60CT Datasheet
804Kb / 8P
   600V N-Channel MOSFET
More results


Similar Description - FQPF12N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com