Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3455DV Datasheet (PDF) - Fairchild Semiconductor

SI3455DV Datasheet PDF - Fairchild Semiconductor
Part # SI3455DV
Download  SI3455DV Download

File Size   166.9 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single P-Channel Logic Level PowerTrench MOSFET

SI3455DV Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3455DV Datasheet PDF - Fairchild Semiconductor

Part # SI3455DV
Download  SI3455DV Click to download

File Size   166.9 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single P-Channel Logic Level PowerTrench MOSFET

SI3455DV Datasheet (HTML) - Fairchild Semiconductor

SI3455DV Datasheet HTML 1Page - Fairchild Semiconductor SI3455DV Datasheet HTML 2Page - Fairchild Semiconductor SI3455DV Datasheet HTML 3Page - Fairchild Semiconductor SI3455DV Datasheet HTML 4Page - Fairchild Semiconductor SI3455DV Datasheet HTML 5Page - Fairchild Semiconductor

SI3455DV Product details

General Description
This P-Channel Logic Level MOSFET is produced using Fairchild’s advanced PowerTrench process. It has been optimized for battery power management applications.

Features
• –3.6 A, –30 V.
   RDS(ON) = 75 mΩ @ VGS = –10 V
   RDS(ON) = 125 mΩ @ VGS = –4.5 V
• Low gate charge
• High performance trench technology for extremely low RDS(ON)

Applications
• Battery management
• Load switch
• Battery protection




Similar Part No. - SI3455DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3455DV VISHAY-SI3455DV Datasheet
88Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. E, 18-Apr-05
logo
VBsemi Electronics Co.,...
SI3455DV-T1-E3 VBSEMI-SI3455DV-T1-E3 Datasheet
451Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3455DV VISHAY-SI3455DV_05 Datasheet
88Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. E, 18-Apr-05
More results


Similar Description - SI3455DV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
SI3457DV FAIRCHILD-SI3457DV Datasheet
85Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com