Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4425DY Datasheet (PDF) - Fairchild Semiconductor

SI4425DY Datasheet PDF - Fairchild Semiconductor
Part # SI4425DY
Download  SI4425DY Download

File Size   119.25 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single P-Channel, Logic Level, PowerTrenchTM MOSFET

SI4425DY Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4425DY Datasheet PDF - Fairchild Semiconductor

Part # SI4425DY
Download  SI4425DY Click to download

File Size   119.25 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single P-Channel, Logic Level, PowerTrenchTM MOSFET

SI4425DY Datasheet (HTML) - Fairchild Semiconductor

SI4425DY Datasheet HTML 1Page - Fairchild Semiconductor SI4425DY Datasheet HTML 2Page - Fairchild Semiconductor SI4425DY Datasheet HTML 3Page - Fairchild Semiconductor SI4425DY Datasheet HTML 4Page - Fairchild Semiconductor SI4425DY Datasheet HTML 5Page - Fairchild Semiconductor

SI4425DY Product details

General Description
This P-Channel Logic Level MOSFET is produced using Fairchild Semiconductors advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain low gate charge for superior switching performance.
These devices are well suited for notebook computer applications: load switching and power management, battery charging circuits, and DC/DC conversion.

Features
■ -11 A, -30 V. RDS(ON) = 0.014 Ω @ VGS = -10 V,
                         RDS(ON) = 0.020 Ω @ VGS = -4.5 V.
■ Low gate charge (30nC typical).
■ High performance trench technology for extremely low
   RDS(ON).
■ High power and current handling capability.




Similar Part No. - SI4425DY

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
SI4425DY EVVOSEMI-SI4425DY Datasheet
277Kb / 8P
   P-Channel 30 V (D-S) MOSFET
Rev:2023A2
logo
VBsemi Electronics Co.,...
SI4425DY-T1-E3 VBSEMI-SI4425DY-T1-E3 Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results


Similar Description - SI4425DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4953 FAIRCHILD-FDS4953 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6975 FAIRCHILD-FDS6975 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com