Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9934DY Datasheet (PDF) - Fairchild Semiconductor

SI9934DY Datasheet PDF - Fairchild Semiconductor
Part # SI9934DY
Download  SI9934DY Download

File Size   52.13 Kbytes
Page   3 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual P-Channel 2.5V Specified PowerTrench MOSFET

SI9934DY Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9934DY Datasheet PDF - Fairchild Semiconductor

Part # SI9934DY
Download  SI9934DY Click to download

File Size   52.13 Kbytes
Page   3 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual P-Channel 2.5V Specified PowerTrench MOSFET

SI9934DY Datasheet (HTML) - Fairchild Semiconductor

SI9934DY Datasheet HTML 1Page - Fairchild Semiconductor SI9934DY Datasheet HTML 2Page - Fairchild Semiconductor SI9934DY Datasheet HTML 3Page - Fairchild Semiconductor

SI9934DY Product details

General Description
This P-Channel 2.5V specified MOSFET is a rugged gate version of Fairchild Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications with a wide range of gate drive voltage (2.5V – 12V).

Features
• –5 A, –20 V, RDS(ON) = 50 mΩ @ VGS = –4.5 V
                       RDS(ON) = 74 mΩ @ VGS = –2.5 V
• Extended VGSS range (±12V) for battery applications
• Low gate charge
• High performance trench technology for extremely low RDS(ON)
• High power and current handling capability

Applications
• Load switch
• Motor drive
• DC/DC conversion
• Power management




Similar Part No. - SI9934DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9934DY VISHAY-SI9934DY Datasheet
92Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. E, 02-Feb-98
logo
VBsemi Electronics Co.,...
SI9934DY-T1-E3 VBSEMI-SI9934DY-T1-E3 Datasheet
1Mb / 8P
   Dual P-Channel 20V (D-S) MOSFET
More results


Similar Description - SI9934DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6306P FAIRCHILD-FDC6306P Datasheet
235Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
USB10H FAIRCHILD-USB10H Datasheet
241Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502P FAIRCHILD-FDW2502P_03 Datasheet
145Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2504P FAIRCHILD-FDW2504P_02 Datasheet
121Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2504P KEXIN-KDW2504P Datasheet
63Kb / 2P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS9933 FAIRCHILD-FDS9933_06 Datasheet
372Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS6815 FAIRCHILD-FDS6815 Datasheet
231Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
FDW2506P FAIRCHILD-FDW2506P Datasheet
93Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com