Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL05234 Datasheet (PDF) - Dielectric Laboratories, Inc.

AFL05234 Datasheet PDF - Dielectric Laboratories, Inc.
Part # AFL05234
Download  AFL05234 Download

File Size   730.31 Kbytes
Page   3 Pages
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.
Description 1227 MHz Bandpass Filter

AFL05234 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFL05234 Datasheet PDF - Dielectric Laboratories, Inc.

Part # AFL05234
Download  AFL05234 Click to download

File Size   730.31 Kbytes
Page   3 Pages
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.
Description 1227 MHz Bandpass Filter

AFL05234 Datasheet (HTML) - Dielectric Laboratories, Inc.

AFL05234 Datasheet HTML 1Page - Dielectric Laboratories, Inc. AFL05234 Datasheet HTML 2Page - Dielectric Laboratories, Inc. AFL05234 Datasheet HTML 3Page - Dielectric Laboratories, Inc.



Similar Part No. - AFL05234

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
AFL05235 DILABS-AFL05235 Datasheet
555Kb / 3P
   1575 MHz Bandpass Filter
More results


Similar Description - AFL05234

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1033A TAI-SAW-TA1033A Datasheet
385Kb / 9P
   SAW Filter 1227 MHz
logo
RF Monolithics, Inc
SF2208E RFM-SF2208E Datasheet
968Kb / 5P
   1227 MHz SAW Filter
logo
TriQuint Semiconductor
880272 TRIQUINT-880272_15 Datasheet
174Kb / 5P
   1227 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1228BB TAI-SAW-TA1228BB Datasheet
406Kb / 7P
   SAW Filter 1227 MHz
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855780 TRIQUINT-855780 Datasheet
49Kb / 1P
   199 MHz Bandpass Filter
855832 TRIQUINT-855832 Datasheet
63Kb / 1P
   230 MHz Bandpass Filter
855559 TRIQUINT-855559 Datasheet
58Kb / 1P
   398 MHz Bandpass Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com