Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2072 Datasheet (PDF) - Fairchild Semiconductor

TMC2072 Datasheet PDF - Fairchild Semiconductor
Part # TMC2072
Download  TMC2072 Download

File Size   160.75 Kbytes
Page   21 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Genlocking Video Digitizer

TMC2072 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC2072 Datasheet PDF - Fairchild Semiconductor

Part # TMC2072
Download  TMC2072 Click to download

File Size   160.75 Kbytes
Page   21 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Genlocking Video Digitizer

TMC2072 Datasheet (HTML) - Fairchild Semiconductor

Back Button TMC2072 Datasheet HTML 1Page - Fairchild Semiconductor TMC2072 Datasheet HTML 2Page - Fairchild Semiconductor TMC2072 Datasheet HTML 3Page - Fairchild Semiconductor TMC2072 Datasheet HTML 4Page - Fairchild Semiconductor TMC2072 Datasheet HTML 5Page - Fairchild Semiconductor TMC2072 Datasheet HTML 6Page - Fairchild Semiconductor TMC2072 Datasheet HTML 7Page - Fairchild Semiconductor TMC2072 Datasheet HTML 8Page - Fairchild Semiconductor TMC2072 Datasheet HTML 9Page - Fairchild Semiconductor TMC2072 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

TMC2072 Product details

Description
The TMC2072 Genlocking Video Digitizer samples and quantizes standard analog baseband composite NTSC or PAL video into its 8-bit digital equivalent. It extracts horizontal and vertical sync signals, from which an on-chip PLL generates a line-locked pixel clock for the on-chip 8-bit A/D converter and a double-speed register clock to transfer data to a subsequent video processing subsystem. A second PLL generates a chroma subcarrier locked to the incoming chroma burst. The chip reports each line’s color burst phase and frequency during the next horizontal sync pulse.

Features
• Fully integrated acquisition
• 3-channel video input multiplexer
• Two-stage (analog and digital) video clamp
• Automatic gain adjustment
• Sync detection and separation
• Pixel and subpixel adjustment of video-to-sync output timing
• Genlock to any NTSC or PAL format, including PAL-M and PAL-N
• Pixel clock generation
• 8-bit video A/D conversion
• Standard R-bus serial microprocessor interface
• User-selectable line-locked pixel rates include:
   – 12.27 MHz NTSC & PAL-M
   – 13.5 MHz NTSC & all PAL
   – 14.75 MHz PAL (non-M) TMC2072-1 only
   – 15.0 MHz PAL (non-M) TMC2072-1 only
• Direct interface to Fairchild Semiconductor video encoders and decoders
• Built-in circuitry for crystal oscillator
• No tuning or external voltage reference required
• Space-saving 100-lead MQFP package

Applications
• Frame grabber
• Digital videotape recorders
• Desktop video




Similar Part No. - TMC2072

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
TMC2072 SMSC-TMC2072 Datasheet
640Kb / 106P
   Peripheral Mode CircLink TM Controller
TMC2072 SMSC-TMC2072 Datasheet
652Kb / 106P
   Peripheral Mode CircLink??Controller
TMC2072-MD SMSC-TMC2072-MD Datasheet
640Kb / 106P
   Peripheral Mode CircLink TM Controller
TMC2072-MT SMSC-TMC2072-MT Datasheet
640Kb / 106P
   Peripheral Mode CircLink TM Controller
TMC2072 SMSC-TMC2072_07 Datasheet
652Kb / 106P
   Peripheral Mode CircLink??Controller
More results


Similar Description - TMC2072

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC22071A CADEKA-TMC22071A Datasheet
229Kb / 24P
   Genlocking Video Digitizer
logo
Fairchild Semiconductor
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
AD9502 AD-AD9502 Datasheet
2Mb / 8P
   Hybrid RS-170 Video Digitizer
AD9502 AD-AD9502_15 Datasheet
2Mb / 8P
   HYBRID PS 179 VIDEO DIGITIZER
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com