Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2250A Datasheet (PDF) - Fairchild Semiconductor

TMC2250A Datasheet PDF - Fairchild Semiconductor
Part # TMC2250A
Download  TMC2250A Download

File Size   186.98 Kbytes
Page   23 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Matrix Multiplier 12 x 10 bit, 50 MHz

TMC2250A Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC2250A Datasheet PDF - Fairchild Semiconductor

Part # TMC2250A
Download  TMC2250A Click to download

File Size   186.98 Kbytes
Page   23 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Matrix Multiplier 12 x 10 bit, 50 MHz

TMC2250A Datasheet (HTML) - Fairchild Semiconductor

Back Button TMC2250A Datasheet HTML 1Page - Fairchild Semiconductor TMC2250A Datasheet HTML 2Page - Fairchild Semiconductor TMC2250A Datasheet HTML 3Page - Fairchild Semiconductor TMC2250A Datasheet HTML 4Page - Fairchild Semiconductor TMC2250A Datasheet HTML 5Page - Fairchild Semiconductor TMC2250A Datasheet HTML 6Page - Fairchild Semiconductor TMC2250A Datasheet HTML 7Page - Fairchild Semiconductor TMC2250A Datasheet HTML 8Page - Fairchild Semiconductor TMC2250A Datasheet HTML 9Page - Fairchild Semiconductor TMC2250A Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

TMC2250A Product details

Description
The TMC2250A is a flexible high-performance nine-multiplier array VLSI circuit which can execute a cascadeable 9-tap FIR filter, a cascadeable 4 x 2 or 3 x 3-pixel image convolution, or a 3 x 3 color space conversion. All configurations offer throughput at up to the maximum guaranteed 50 MHz clock rate with 12-bit data and 10-bit coefficients. All inputs and outputs are registered on the rising edges of the clock.

Features
• Four user-selectable filtering and transformation functions:
    – Triple dot product (3 x 3) matrix multiply
    – Cascadeable 9-tap systolic FIR filter
    – Cascadeable 3 x 3-pixel image convolver
    – Cascadeable 4 x 2-pixel image convolver
• 50 MHz (20ns) pipelined throughput
• 12-bit input and output data, 10-bit coefficients
• 6-bit cascade input and output ports in all filter modes
• Onboard coefficient storage, with three-cycle updating of all nine coefficients

Applications
• Image filtering and manipulation
• Video effects generation
• Video standards conversion and encoding/decoding
• Three-dimensional image manipulation
• Medical image processing
• Edge detection for object recognition
• FIR filtering for communications systems




Similar Part No. - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C CADEKA-TMC2250AG1C Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C2 CADEKA-TMC2250AG1C2 Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C3 CADEKA-TMC2250AG1C3 Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AH5C CADEKA-TMC2250AH5C Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
More results


Similar Description - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
   12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
   12-bit Cascadable Multiplier-Summer
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com