Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1117A Datasheet (PDF) - Analog Intergrations Corporation

AIC1117A Datasheet PDF - Analog Intergrations Corporation
Part # AIC1117A
Download  AIC1117A Download

File Size   136.84 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1A Low Dropout Positive Adjustable Regulator

AIC1117A Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1117A Datasheet PDF - Analog Intergrations Corporation

Part # AIC1117A
Download  AIC1117A Click to download

File Size   136.84 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1A Low Dropout Positive Adjustable Regulator

AIC1117A Datasheet (HTML) - Analog Intergrations Corporation

AIC1117A Datasheet HTML 1Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 2Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 3Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 4Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 5Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 6Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 7Page - Analog Intergrations Corporation AIC1117A Datasheet HTML 8Page - Analog Intergrations Corporation

AIC1117A Product details

DESCRIPTION
The AIC1117A is a low dropout three terminal regulator with 1A output current capability. The output voltage is adjustable with the use of a resistor divider or fixed 2.85V, 3.3V, 5V. Dropout is guaranteed at a maximum of 1.5V at maximum output current. Its low dropout voltage and fast transient response make it ideal for low voltage microprocessor applications. Internal current and thermal limiting provides protection against any overload condition that would create excessive junction temperatures.

FEATURES
• Dropout Voltage 1.3V at 1A Output Current.
• Fast Transient Response.
• Line Regulation typically at 0.015%.
• Load Regulation typically at 0.1%.
• Internal Thermal and Current Limiting.
• Adjustable Output Voltage or Fixed 2.85V, 3.3V, 5V.
• Standard 3-Pin Power Packages.

APPLICATIONS
• Post Regulator for Switching Supply.
• Active SCSI Termination.
• Battery Chargers.
• Constant-Current Regulators.
• Motherboard Clock Supplies.




Similar Part No. - AIC1117A

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
AIC1117A-18 AIC-AIC1117A-18 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
AIC1117A-25 AIC-AIC1117A-25 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
AIC1117A-33 AIC-AIC1117A-33 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
More results


Similar Description - AIC1117A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1117 DIODES-AP1117_10 Datasheet
179Kb / 12P
   1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com