Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4351 Datasheet (PDF) - Asahi Kasei Microsystems

AK4351 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4351
Download  AK4351 Download

File Size   134.3 Kbytes
Page   14 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 18 BIT ADVANCED MULTI BIT 2CH DAC

AK4351 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4351 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4351
Download  AK4351 Click to download

File Size   134.3 Kbytes
Page   14 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 18 BIT ADVANCED MULTI BIT 2CH DAC

AK4351 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK4351 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4351 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4351 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4351 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4351 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4351 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4351 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4351 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4351 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4351 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK4351 Product details

GENERAL DESCRIPTION
The AK4351 is a high cost performance 18bit stereo DAC for low-end digital audio systems. The modulator in the AK4351 uses the new developed Advanced Multi Bit architecture with wide dynamic range. The analog outputs are filtered in the analog domain by a combination of SCF and CTF. Therefore, any external filters are not required. The SCF techniques also improve the loss of accuracy from clock jitter. Therefore, the AK4351 is suitable for the system like STB including PLL circuit. The AK4351 is available in very small 16pin TSSOP package, which reduces system space.

FEATURES
• Sampling Rate Ranging from 8kHz to 50kHz
• 128 times Oversampling
• Perfect filtering
    18bit 8 times FIR Interpolator with 57dB attenuation
    2nd order LPF
    Total Response: – 0.2dB at 20kHz
• On chip Buffer with Single End Output
• Digital de-emphasis for 44.1kHz sampling
• I/F format: MSB justified, 16/18bit LSB justified or I2S
• Master clock: 256fs or 384fs
• TTL Level Digital Interface
• THD+N: -88dB
• D-Range: 96dB
• High Tolerance to Clock Jitter
• Power supply: 4.5 to 5.5V
• Very Small Package: 16pin TSSOP (6.4mm x 5.0mm)




Similar Part No. - AK4351

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4352 AKM-AK4352 Datasheet
88Kb / 13P
   2V & LOW POWER MULTI-BIT DAC
AK4352VT AKM-AK4352VT Datasheet
88Kb / 13P
   2V & LOW POWER MULTI-BIT DAC
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4353VF AKM-AK4353VF Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4355 AKM-AK4355 Datasheet
160Kb / 24P
   192kHz 24-Bit 6ch DAC for DVD-Audio
More results


Similar Description - AK4351

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4393 AKM-AK4393 Datasheet
235Kb / 22P
   ADVANCED MULTI-BIT 96KHZ 24-BIT DAC
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393(VM) AKM-AK4393(VM) Datasheet
774Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit 6 DAC
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490EN AKM-AK4490EN Datasheet
1Mb / 42P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com