Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4395 Datasheet (PDF) - Asahi Kasei Microsystems

AKD4395 Datasheet PDF - Asahi Kasei Microsystems
Part # AKD4395
Download  AKD4395 Download

File Size   412.31 Kbytes
Page   25 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.C FOR AK4395

AKD4395 Datasheet (PDF)

Go To PDF Page Download Datasheet
AKD4395 Datasheet PDF - Asahi Kasei Microsystems

Part # AKD4395
Download  AKD4395 Click to download

File Size   412.31 Kbytes
Page   25 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description EVALUATION BOARD REV.C FOR AK4395

AKD4395 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AKD4395 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4395 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AKD4395 Product details

GENERAL DESCRIPTION

The AK4395 is a high performance stereo DAC for the 192kHz sampling mode of DVD-Audio including a

24bit digital filter. The digital filter has high stopband attenuation with 110dB or more that reduces wide band aliasing noise. The AK4395 introduces the advanced multi-bit system for ∆Σmodulator. This new architecture achieves the wider dynamic range, while keeping much the same superior distortion characteristics as conventional Single-Bit way. The analog outputs are filtered in the analog domain by

switched-capacitor filter (SCF) with high tolerance to clock jitter. The AK4395 also includes digital volume, so the device is suitable for multi-channel audio system.



FEATURES

•128x Oversampling

•Sampling Rate up to 192kHz

•High Performance 24Bit 8x Digital Filter (Slow Roll-off Option)

        Ripple: ±0.0002dB, Attenuation: 110dB

•High Tolerance to Clock Jitter

•Low Distortion Differential Output

•Digital de-emphasis for 32, 44.1 & 48kHz sampling

•Channel Independent Digital Volume with Soft-transition

•Soft Mute

•THD+N: -100dB

•DR, S/N: 120dB

•I/F format:  MSB justified, 16/20/24bit LSB justified, I2S

•Master Clock: Normal Speed: 256fs, 384fs, 512fs or 768fs

                    Double Speed: 128fs, 192fs, 256fs or 384fs

                    Quad Speed: 128fs or 192fs

•Power Supply: 5V±5%

•TTL Level Digital I/F

•Small Package: 28pin VSOP

• Pin Compatible with AK4393/4




Similar Part No. - AKD4395

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395 AKM-AKD4395 Datasheet
277Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
More results


Similar Description - AKD4395

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4550 AKM-AKD4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AKD4528 AKM-AKD4528 Datasheet
302Kb / 38P
   EVALUATION BOARD FOR AK4528 REV.C
AKD4551 AKM-AKD4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
AKD4394 AKM-AKD4394 Datasheet
398Kb / 21P
   EVALUATION BOARD REV.C FOR AK4394
AKD4588 AKM-AKD4588 Datasheet
587Kb / 46P
   Evaluation board Rev.C for AK4588
AKD4393 AKM-AKD4393 Datasheet
399Kb / 21P
   EVALUATION BOARD REV.C FOR AK4393
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com