Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FODM121AR2V Datasheet (PDF) - Fairchild Semiconductor

FODM121AR2V Datasheet PDF - Fairchild Semiconductor
Part # FODM121AR2V
Download  FODM121AR2V Download

File Size   1339.51 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers

FODM121AR2V Datasheet (PDF)

Go To PDF Page Download Datasheet
FODM121AR2V Datasheet PDF - Fairchild Semiconductor

Part # FODM121AR2V
Download  FODM121AR2V Click to download

File Size   1339.51 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers

FODM121AR2V Datasheet (HTML) - Fairchild Semiconductor

Back Button FODM121AR2V Datasheet HTML 1Page - Fairchild Semiconductor FODM121AR2V Datasheet HTML 2Page - Fairchild Semiconductor FODM121AR2V Datasheet HTML 3Page - Fairchild Semiconductor FODM121AR2V Datasheet HTML 4Page - Fairchild Semiconductor FODM121AR2V Datasheet HTML 5Page - Fairchild Semiconductor FODM121AR2V Datasheet HTML 6Page - Fairchild Semiconductor FODM121AR2V Datasheet HTML 7Page - Fairchild Semiconductor FODM121AR2V Datasheet HTML 8Page - Fairchild Semiconductor FODM121AR2V Datasheet HTML 9Page - Fairchild Semiconductor FODM121AR2V Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FODM121AR2V Product details

Description

The FODM124, FODM121 series, and FODM2701 consists of a gallium arsenide infrared emitting diode driving a phototransistor in a compact 4-pin mini-flat package. The lead pitch is 2.54mm. The FODM2705 consists of two gallium arsenide infrared emitting diodes connected in inverse parallel for AC operation.



Features

■More than 5mm creepage/clearance

■Compact 4-pin surface mount package (2.4mm maximum standoff height)

■Current Transfer Ratio in selected groups

DC Input:

FODM121: 50–600% FODM2701: 50–300%

FODM121A: 100–300% FODM124: 100% MIN

FODM121B: 50–150%

FODM121C: 100–200%

ACInput:

FODM2705: 50–300%

■Available in tape and reel quantities of 2500

■Applicable to Infrared Ray reflow (260°C max, 10 sec.)




Similar Part No. - FODM121AR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results


Similar Description - FODM121AR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com