Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE0113A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TE0113A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TE0113A
Download  TE0113A Download

File Size   349.79 Kbytes
Page   10 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Dual SAW Filter 360 / 380 MHz

TE0113A Datasheet (PDF)

Go To PDF Page Download Datasheet
TE0113A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TE0113A
Download  TE0113A Click to download

File Size   349.79 Kbytes
Page   10 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Dual SAW Filter 360 / 380 MHz

TE0113A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TE0113A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TE0113A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TE0113A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TE0113A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TE0113A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TE0113A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TE0113A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TE0113A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TE0113A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TE0113A Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TE0113A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TE0111A TAI-SAW-TE0111A Datasheet
468Kb / 11P
   SAW Filter 860.5plus938 MHz
TE0114A TAI-SAW-TE0114A Datasheet
319Kb / 10P
   Dual SAW Filter 460 / 420 MHz
logo
Golledge Electronics Lt...
TE0114A GOLLEDGE-TE0114A Datasheet
137Kb / 9P
   SAW Filter 460.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TE0115A TAI-SAW-TE0115A Datasheet
221Kb / 11P
   Dual SAW Filter 390 / 420 MHz
logo
Golledge Electronics Lt...
TE0115A GOLLEDGE-TE0115A Datasheet
138Kb / 9P
   Dual SAW Filter 390.0MHz/420.0MHz
More results


Similar Description - TE0113A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855954 TRIQUINT-855954 Datasheet
523Kb / 5P
   380 MHz SAW Filter
855530 TRIQUINT-855530_15 Datasheet
555Kb / 5P
   380 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0166A TAI-SAW-TB0166A Datasheet
335Kb / 5P
   SAW Filter 380 MHz
TB0165A TAI-SAW-TB0165A Datasheet
324Kb / 5P
   SAW Filter 380 MHz
logo
RF Monolithics, Inc
SF1125A RFM-SF1125A Datasheet
193Kb / 6P
   380 MHz SAW Filter
logo
TriQuint Semiconductor
855954 TRIQUINT-855954_15 Datasheet
490Kb / 5P
   380 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0198A TAI-SAW-TB0198A Datasheet
638Kb / 5P
   IF SAW Filter 380 MHz
logo
Golledge Electronics Lt...
MA04889 GOLLEDGE-MA04889 Datasheet
214Kb / 6P
   IF SAW Filter 380 MHz
MA05380 GOLLEDGE-MA05380 Datasheet
176Kb / 4P
   380 MHz IF SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0655A TAI-SAW-TB0655A Datasheet
354Kb / 7P
   SAW Filter 360 MHz SMD 7.0mmx5.0mm
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com