Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC0063W0603116K9 Datasheet (PDF) - Analog Devices

MC0063W0603116K9 Datasheet PDF - Analog Devices
Part # MC0063W0603116K9
Download  MC0063W0603116K9 Download

File Size   2099.75 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description EVAL-AD7903SDZ User Guide UG-609

MC0063W0603116K9 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC0063W0603116K9 Datasheet PDF - Analog Devices

Part # MC0063W0603116K9
Download  MC0063W0603116K9 Click to download

File Size   2099.75 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description EVAL-AD7903SDZ User Guide UG-609

MC0063W0603116K9 Datasheet (HTML) - Analog Devices

Back Button MC0063W0603116K9 Datasheet HTML 1Page - Analog Devices MC0063W0603116K9 Datasheet HTML 2Page - Analog Devices MC0063W0603116K9 Datasheet HTML 3Page - Analog Devices MC0063W0603116K9 Datasheet HTML 4Page - Analog Devices MC0063W0603116K9 Datasheet HTML 5Page - Analog Devices MC0063W0603116K9 Datasheet HTML 6Page - Analog Devices MC0063W0603116K9 Datasheet HTML 7Page - Analog Devices MC0063W0603116K9 Datasheet HTML 8Page - Analog Devices MC0063W0603116K9 Datasheet HTML 9Page - Analog Devices MC0063W0603116K9 Datasheet HTML 10Page - Analog Devices Next Button 

MC0063W0603116K9 Product details

GENERAL DESCRIPTION
The AD7903 is a dual 16-bit, successive approximation, analog to-digital converter (ADC) that operates from a single power supply, VDDx, per ADC. It contains two low power, high speed, 16-bit sampling ADCs and a versatile serial port interface (SPI). On the CNVx rising edge, the AD7903 samples the voltage difference between the INx+ and INx− pins. The voltages on these pins usually swing in opposite phases between 0 V and VREF. The externally applied reference voltage of the REFx pins (VREF) can be set independently from the supply voltage pins, VDDx. The power of the device scales linearly with throughput.
Using the SDIx inputs, the SPI-compatible serial interface can also daisy-chain multiple ADCs on a single 3-wire bus and provide an optional busy indicator. It is compatible with 1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate VIOx supplies.
The AD7903 is available in a 20-lead QSOP package with operation specified from −40°C to +125°C.

FEATURES
   16-bit resolution with no missing codes
   Throughput: 1 MSPS
   Low power dissipation
      7.0 mW at 1 MSPS (VDD1 and VDD2 only)
      12.0 mW at 1 MSPS (total)
      140 µW at 10 kSPS
   INL: ±0.5 LSB typical, ±2.0 LSB maximum
   SINAD: 93.5 dB at 1 kHz
   THD: −112 dB at 1 kHz
   True differential analog input range: ±VREF
      0 V to VREF with VREF between 2.4 V to 5.1 V
      Allows use of any input range
      Easy to drive with the ADA4941-1
   No pipeline delay
   Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V logic
      interface
   Serial port interface (SPI)/QSPI/MICROWIRE/DSP compatible
   20-lead QSOP package
   Wide operating temperature range: −40°C to +125°C

APPLICATIONS
   Battery-powered equipment
   Communications
   Automated test equipment (ATE)
   Data acquisition
   Medical instrumentation
   Redundant measurement
   Simultaneous sampling




Similar Part No. - MC0063W0603116K9

ManufacturerPart #DatasheetDescription
logo
C&K Components
MC00 CK-COMPONENTS-MC00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
List of Unclassifed Man...
MC000048 ETC2-MC000048 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000049 ETC2-MC000049 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
   USB C Male to USB 3.1 A Male Cable 1m
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
   USB 2.0 Micro B Male to C Male Cable 1m
More results


Similar Description - MC0063W0603116K9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-851 AD-UG-851 Datasheet
1Mb / 15P
   EVAL-AD7606SDZ/EVAL-AD7607SDZ/EVAL-AD7608SDZ User Guide
UG-223 AD-UG-223 Datasheet
743Kb / 20P
   This user guide describes the EVAL-AD7193EBZ evaluation
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
   EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com