Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40-6005146 Datasheet (PDF) - Harwin Plc

M40-6005146 Datasheet PDF - Harwin Plc
Part # M40-6005146
Download  M40-6005146 Download

File Size   79.1 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 1.00mm PITCH SMT PLUG CONNECTOR

M40-6005146 Datasheet (PDF)

Go To PDF Page Download Datasheet
M40-6005146 Datasheet PDF - Harwin Plc

Part # M40-6005146
Download  M40-6005146 Click to download

File Size   79.1 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 1.00mm PITCH SMT PLUG CONNECTOR

M40-6005146 Datasheet (HTML) - Harwin Plc

M40-6005146 Datasheet HTML 1Page - Harwin Plc



Similar Part No. - M40-6005146

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M40-6005146R HARWIN-M40-6005146R Datasheet
178Kb / 2P
   1.00mm PITCH SMT PLUG CONNECTOR
More results


Similar Description - M40-6005146

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M40-6000946R HARWIN-M40-6000946R Datasheet
178Kb / 2P
   1.00mm PITCH SMT PLUG CONNECTOR
logo
Wurth Elektronik GmbH &...
658158303064 WURTH-658158303064 Datasheet
248Kb / 5P
   1.00mm SMT Male Shrouded Vertical Plug 8.35mm Height WRBTB
658156303064 WURTH-658156303064 Datasheet
256Kb / 5P
   1.00mm SMT Male Shrouded Vertical Plug 6.35mm Height WRBTB
logo
Harwin Plc
M40-3200345R HARWIN-M40-3200345R Datasheet
145Kb / 2P
   1.00mm PITCH DIL SMT PIN HEADER ASSEMBLY
logo
Molex Electronics Ltd.
732390550 MOLEX-732390550 Datasheet
78Kb / 1P
   MX-VNA 1.00MM PLUG TO 1.00MM PLUG CABLE ASSEMBLY
2023/04/24
logo
Harwin Plc
M40-3020546 HARWIN-M40-3020546 Datasheet
245Kb / 2P
   WAFER 1.00mm DIL SMT TYPE
logo
Molex Electronics Ltd.
5024307030 MOLEX11-5024307030 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm
5024306410 MOLEX11-5024306410 Datasheet
485Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm
5024302430 MOLEX11-5024302430 Datasheet
526Kb / 7P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.00mm
logo
YEONHO ELECTRONICS
FCZ100E-SSK YEONHO-FCZ100E-SSK Datasheet
253Kb / 1P
   1.00mm PITCH CONNECTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com