Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM79LXXM3 Datasheet (PDF) - Cystech Electonics Corp.

LM79LXXM3 Datasheet PDF - Cystech Electonics Corp.
Part # LM79LXXM3
Download  LM79LXXM3 Download

File Size   490.09 Kbytes
Page   8 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Low Current Negative Voltage Regulator

LM79LXXM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM79LXXM3 Datasheet PDF - Cystech Electonics Corp.

Part # LM79LXXM3
Download  LM79LXXM3 Click to download

File Size   490.09 Kbytes
Page   8 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Low Current Negative Voltage Regulator

LM79LXXM3 Datasheet (HTML) - Cystech Electonics Corp.

LM79LXXM3 Datasheet HTML 1Page - Cystech Electonics Corp. LM79LXXM3 Datasheet HTML 2Page - Cystech Electonics Corp. LM79LXXM3 Datasheet HTML 3Page - Cystech Electonics Corp. LM79LXXM3 Datasheet HTML 4Page - Cystech Electonics Corp. LM79LXXM3 Datasheet HTML 5Page - Cystech Electonics Corp. LM79LXXM3 Datasheet HTML 6Page - Cystech Electonics Corp. LM79LXXM3 Datasheet HTML 7Page - Cystech Electonics Corp. LM79LXXM3 Datasheet HTML 8Page - Cystech Electonics Corp.

LM79LXXM3 Product details

Description
The LM79LXXM3 series of negative regulators are available in the SOT-89 package and with -5V, -6V, -8V,-9V, -12V, -15V, -18V and -24V fixed output voltages, making it useful in a wide range of applications. These regulators can provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each type employs internal current limiting, thermal shut-down and safe operating area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 100mA output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents. LM79LXXM3 is characterized for operation from 0℃ to 125℃ .

Features:
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components Required
• Pb-free lead plating package




Similar Part No. - LM79LXXM3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM79LXX ETC1-LM79LXX Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Boca Semiconductor Corp...
LM79LXXA BOCA-LM79LXXA Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
National Semiconductor ...
LM79LXXAC NSC-LM79LXXAC Datasheet
209Kb / 8P
   3-Terminal Negative Regulators
More results


Similar Description - LM79LXXM3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM79L05M3 CYSTEKEC-LM79L05M3 Datasheet
489Kb / 8P
   Low Current Negative Voltage Regulator
LM79L12M3 CYSTEKEC-LM79L12M3 Datasheet
489Kb / 8P
   Low Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05F MCC-MC79L05F_11 Datasheet
206Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_11 Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com