Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-SL60.0M-10B Datasheet (PDF) - Oscilent Corporation

813-SL60.0M-10B Datasheet PDF - Oscilent Corporation
Part # 813-SL60.0M-10B
Download  813-SL60.0M-10B Download

File Size   459.96 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 60.0MHz IF SAW Filter 10.20MHz Bandwidth

813-SL60.0M-10B Datasheet (PDF)

Go To PDF Page Download Datasheet
813-SL60.0M-10B Datasheet PDF - Oscilent Corporation

Part # 813-SL60.0M-10B
Download  813-SL60.0M-10B Click to download

File Size   459.96 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 60.0MHz IF SAW Filter 10.20MHz Bandwidth

813-SL60.0M-10B Datasheet (HTML) - Oscilent Corporation

813-SL60.0M-10B Datasheet HTML 1Page - Oscilent Corporation 813-SL60.0M-10B Datasheet HTML 2Page - Oscilent Corporation 813-SL60.0M-10B Datasheet HTML 3Page - Oscilent Corporation 813-SL60.0M-10B Datasheet HTML 4Page - Oscilent Corporation 813-SL60.0M-10B Datasheet HTML 5Page - Oscilent Corporation 813-SL60.0M-10B Datasheet HTML 6Page - Oscilent Corporation



Similar Part No. - 813-SL60.0M-10B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL60.0M-10 OSCILENT-813-SL60.0M-10 Datasheet
120Kb / 4P
   60.0MHz IF SAW Filter 23.55MHz Bandwidth
813-SL60.0M-10C OSCILENT-813-SL60.0M-10C Datasheet
217Kb / 6P
   60.0 MHz IF SAW Filter 10.60 MHz Bandwidth
813-SL60.0M-10D OSCILENT-813-SL60.0M-10D Datasheet
217Kb / 6P
   60.0 MHz IF SAW Filter 10.68 MHz Bandwidth
More results


Similar Description - 813-SL60.0M-10B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF75.3M-10A OSCILENT-813-IF75.3M-10A Datasheet
214Kb / 6P
   75.3MHz IF SAW Filter 10.20MHz Bandwidth
813-SL60.0M-22A OSCILENT-813-SL60.0M-22A Datasheet
211Kb / 6P
   60.0MHz IF SAW Filter 22.37MHz Bandwidth
813-SL60.0M-11 OSCILENT-813-SL60.0M-11_14 Datasheet
233Kb / 6P
   60.0MHz IF SAW Filter 12.0MHz Bandwidth
813-SL60.0M-10 OSCILENT-813-SL60.0M-10 Datasheet
120Kb / 4P
   60.0MHz IF SAW Filter 23.55MHz Bandwidth
835-IF60.0M-19B OSCILENT-835-IF60.0M-19B Datasheet
213Kb / 6P
   60.0MHz IF SAW Filter 19.50 MHz Bandwidth
logo
Transko Electronics, In...
TA06009AD TRANSKO-TA06009AD Datasheet
668Kb / 4P
   60.0MHz IF SAW Filter / 9.30MHz MHz Bandwidth
Revision 0: 18. Jan. 2012
logo
Oscilent Corporation
835-IF60.0M-19A OSCILENT-835-IF60.0M-19A Datasheet
213Kb / 6P
   60.0MHz IF SAW Filter 19.25 MHz Bandwidth
logo
Golledge Electronics Lt...
MP03407 GOLLEDGE-MP03407 Datasheet
125Kb / 7P
   SAW Filter 60.0MHz
MP03387 GOLLEDGE-MP03387 Datasheet
117Kb / 7P
   SAW Filter 60.0MHz
MP03220 GOLLEDGE-MP03220 Datasheet
55Kb / 6P
   SAW Filter 60.0MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com