Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-IF184.0M-05A Datasheet (PDF) - Oscilent Corporation

813-IF184.0M-05A Datasheet PDF - Oscilent Corporation
Part # 813-IF184.0M-05A
Download  813-IF184.0M-05A Download

File Size   204.27 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 184.0 MHz IF SAW Filter 5.7 MHz Bandwidth

813-IF184.0M-05A Datasheet (PDF)

Go To PDF Page Download Datasheet
813-IF184.0M-05A Datasheet PDF - Oscilent Corporation

Part # 813-IF184.0M-05A
Download  813-IF184.0M-05A Click to download

File Size   204.27 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 184.0 MHz IF SAW Filter 5.7 MHz Bandwidth

813-IF184.0M-05A Datasheet (HTML) - Oscilent Corporation

813-IF184.0M-05A Datasheet HTML 1Page - Oscilent Corporation 813-IF184.0M-05A Datasheet HTML 2Page - Oscilent Corporation 813-IF184.0M-05A Datasheet HTML 3Page - Oscilent Corporation 813-IF184.0M-05A Datasheet HTML 4Page - Oscilent Corporation 813-IF184.0M-05A Datasheet HTML 5Page - Oscilent Corporation 813-IF184.0M-05A Datasheet HTML 6Page - Oscilent Corporation



Similar Part No. - 813-IF184.0M-05A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF184.0M-15A OSCILENT-813-IF184.0M-15A Datasheet
184Kb / 6P
   184.0 MHz IF SAW Filter 15.45 MHz Bandwidth
813-IF184.0M-25A OSCILENT-813-IF184.0M-25A Datasheet
189Kb / 6P
   184.0 MHz IF SAW Filter 25.90 MHz Bandwidth
More results


Similar Description - 813-IF184.0M-05A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF184.0M-15A OSCILENT-813-IF184.0M-15A Datasheet
184Kb / 6P
   184.0 MHz IF SAW Filter 15.45 MHz Bandwidth
logo
Transko Electronics, In...
TL18405AS1 TRANSKO-TL18405AS1 Datasheet
666Kb / 5P
   184.0 MHz IF SAW Filter / 6.70 MHz Bandwidth
Revision 0: 27 Feb. 2012
logo
Oscilent Corporation
813-IF184.0M-25A OSCILENT-813-IF184.0M-25A Datasheet
189Kb / 6P
   184.0 MHz IF SAW Filter 25.90 MHz Bandwidth
821-IF184.0M-10A OSCILENT-821-IF184.0M-10A Datasheet
181Kb / 6P
   184.0 MHz IF SAW Filter 10.82 MHz Bandwidth
logo
Transko Electronics, In...
TA18410AD1 TRANSKO-TA18410AD1 Datasheet
640Kb / 4P
   184.0 MHz IF SAW Filter / 10.82 MHz Bandwidth
Revision 0: 2. Apr. 2008
logo
API Technologies Corp
SF0150BA03095S APITECH-SF0150BA03095S Datasheet
163Kb / 4P
   150 MHz SAW Filter 5.7 MHz Bandwidth
SF0036BA01033T APITECH-SF0036BA01033T Datasheet
126Kb / 3P
   36.8 MHz SAW Filter 5.7 MHz Bandwidth
SF0240BA03144S APITECH-SF0240BA03144S Datasheet
159Kb / 3P
   240 MHz SAW Filter 5.7 MHz Bandwidth
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com