Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

820-IF120.0M-16A Datasheet (PDF) - Oscilent Corporation

820-IF120.0M-16A Datasheet PDF - Oscilent Corporation
Part # 820-IF120.0M-16A
Download  820-IF120.0M-16A Download

File Size   227.95 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 120.0 MHz IF SAW Filter 16.13 MHz Bandwidth

820-IF120.0M-16A Datasheet (PDF)

Go To PDF Page Download Datasheet
820-IF120.0M-16A Datasheet PDF - Oscilent Corporation

Part # 820-IF120.0M-16A
Download  820-IF120.0M-16A Click to download

File Size   227.95 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 120.0 MHz IF SAW Filter 16.13 MHz Bandwidth

820-IF120.0M-16A Datasheet (HTML) - Oscilent Corporation

820-IF120.0M-16A Datasheet HTML 1Page - Oscilent Corporation 820-IF120.0M-16A Datasheet HTML 2Page - Oscilent Corporation 820-IF120.0M-16A Datasheet HTML 3Page - Oscilent Corporation 820-IF120.0M-16A Datasheet HTML 4Page - Oscilent Corporation 820-IF120.0M-16A Datasheet HTML 5Page - Oscilent Corporation 820-IF120.0M-16A Datasheet HTML 6Page - Oscilent Corporation



Similar Part No. - 820-IF120.0M-16A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF120.0M-16B OSCILENT-820-IF120.0M-16B Datasheet
195Kb / 6P
   120.0 MHz IF SAW Filter 16.24 MHz Bandwidth
More results


Similar Description - 820-IF120.0M-16A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA12016AD TRANSKO-TA12016AD Datasheet
514Kb / 4P
   120.0 MHz IF SAW Filter / 16.13 MHz Bandwidth
Revision 0: 09. Nov. 2009
logo
Oscilent Corporation
821-IF120.0M-29B OSCILENT-821-IF120.0M-29B Datasheet
282Kb / 6P
   120.0 MHz IF SAW Filter 29.52 MHz Bandwidth
813-IF120.0M-14A OSCILENT-813-IF120.0M-14A Datasheet
223Kb / 6P
   120.0 MHz IF SAW Filter 14.35 MHz Bandwidth
logo
Transko Electronics, In...
TA12011BV TRANSKO-TA12011BV Datasheet
651Kb / 4P
   120.0 MHz IF SAW Filter / 11.47 MHz Bandwidth
Revision 0: 06. Mar. 2008
TF-012002-D70 TRANSKO-TF-012002-D70 Datasheet
589Kb / 4P
   120.0 MHz IF SAW Filter / 8.95 MHz Bandwidth
Revision 0: July 2013
TA12019DV TRANSKO-TA12019DV Datasheet
571Kb / 4P
   120.0 MHz IF SAW Filter / 19.48 MHz Bandwidth
Revision 0: 24. Dec. 2008
TA12029AD1 TRANSKO-TA12029AD1 Datasheet
561Kb / 4P
   120.0 MHz IF SAW Filter / 29.47 MHz Bandwidth
Revision 0: 26. Oct. 2009
logo
Oscilent Corporation
820-IF120.0M-16B OSCILENT-820-IF120.0M-16B Datasheet
195Kb / 6P
   120.0 MHz IF SAW Filter 16.24 MHz Bandwidth
821-IF120.0M-C OSCILENT-821-IF120.0M-C_14 Datasheet
116Kb / 4P
   120.0 MHz IF SAW Filter 20.1 MHz Bandwidth
logo
Transko Electronics, In...
TA12015AD TRANSKO-TA12015AD Datasheet
567Kb / 4P
   120.0 MHz IF SAW Filter / 15.48 MHz Bandwidth
Revision 0: 27. Oct. 2009
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com