Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

820-IF252.5M-30A Datasheet (PDF) - Oscilent Corporation

820-IF252.5M-30A Datasheet PDF - Oscilent Corporation
Part # 820-IF252.5M-30A
Download  820-IF252.5M-30A Download

File Size   227.41 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 252.5 MHz IF SAW Filter 30.21 MHz Bandwidth

820-IF252.5M-30A Datasheet (PDF)

Go To PDF Page Download Datasheet
820-IF252.5M-30A Datasheet PDF - Oscilent Corporation

Part # 820-IF252.5M-30A
Download  820-IF252.5M-30A Click to download

File Size   227.41 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 252.5 MHz IF SAW Filter 30.21 MHz Bandwidth

820-IF252.5M-30A Datasheet (HTML) - Oscilent Corporation

820-IF252.5M-30A Datasheet HTML 1Page - Oscilent Corporation 820-IF252.5M-30A Datasheet HTML 2Page - Oscilent Corporation 820-IF252.5M-30A Datasheet HTML 3Page - Oscilent Corporation 820-IF252.5M-30A Datasheet HTML 4Page - Oscilent Corporation 820-IF252.5M-30A Datasheet HTML 5Page - Oscilent Corporation 820-IF252.5M-30A Datasheet HTML 6Page - Oscilent Corporation



Similar Part No. - 820-IF252.5M-30A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF221.288M-A OSCILENT-820-IF221.288M-A Datasheet
261Kb / 2P
   Base Station & Repeater
820-IF221.288M-D OSCILENT-820-IF221.288M-D Datasheet
124Kb / 4P
   221.288 MHz Bandpass Filter 7.08MHz Bandwidth
820-IF260.0M-29A OSCILENT-820-IF260.0M-29A Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
820-IF260.0M-29B OSCILENT-820-IF260.0M-29B Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.53 MHz Bandwidth
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
   260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
More results


Similar Description - 820-IF252.5M-30A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA25230AD TRANSKO-TA25230AD Datasheet
563Kb / 4P
   252.5 MHz IF SAW Filter / 30.21 MHz Bandwidth
Revision 0: 02.Dec. 2009
logo
Oscilent Corporation
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
   260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
logo
Transko Electronics, In...
TA26530AD1 TRANSKO-TA26530AD1 Datasheet
563Kb / 4P
   265.0 MHz IF SAW Filter / 30.21 MHz Bandwidth
Revision 0: 20. Oct. 2009
logo
Oscilent Corporation
821-IF265.0M-30A OSCILENT-821-IF265.0M-30A Datasheet
225Kb / 6P
   265.0 MHz IF SAW Filter 30.21 MHz Bandwidth
logo
Transko Electronics, In...
TA26030AD TRANSKO-TA26030AD Datasheet
667Kb / 4P
   260.0 MHz IF SAW Filter / 30.21 MHz Bandwidth
Revision 0: 10. Nov. 2009
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
   75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
813-SL140.0M-77A OSCILENT-813-SL140.0M-77A Datasheet
237Kb / 6P
   140.0 MHz IF SAW Filter 77.3 MHz Bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com