Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

821-SL70.0M-20B Datasheet (PDF) - Oscilent Corporation

821-SL70.0M-20B Datasheet PDF - Oscilent Corporation
Part # 821-SL70.0M-20B
Download  821-SL70.0M-20B Download

File Size   360.82 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 70.0 MHz IF SAW Filter 20.05 MHz Bandwidth

821-SL70.0M-20B Datasheet (PDF)

Go To PDF Page Download Datasheet
821-SL70.0M-20B Datasheet PDF - Oscilent Corporation

Part # 821-SL70.0M-20B
Download  821-SL70.0M-20B Click to download

File Size   360.82 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 70.0 MHz IF SAW Filter 20.05 MHz Bandwidth

821-SL70.0M-20B Datasheet (HTML) - Oscilent Corporation

821-SL70.0M-20B Datasheet HTML 1Page - Oscilent Corporation 821-SL70.0M-20B Datasheet HTML 2Page - Oscilent Corporation 821-SL70.0M-20B Datasheet HTML 3Page - Oscilent Corporation 821-SL70.0M-20B Datasheet HTML 4Page - Oscilent Corporation 821-SL70.0M-20B Datasheet HTML 5Page - Oscilent Corporation 821-SL70.0M-20B Datasheet HTML 6Page - Oscilent Corporation



Similar Part No. - 821-SL70.0M-20B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-SL75.0M-40B OSCILENT-821-SL75.0M-40B Datasheet
220Kb / 6P
   75.0 MHz IF SAW Filter 40.60 MHz Bandwidth
More results


Similar Description - 821-SL70.0M-20B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL07020BD1 TRANSKO-TL07020BD1 Datasheet
571Kb / 4P
   70.00 MHz IF SAW Filter / 20.05 MHz Bandwidth
Revision 0: 14 Jun. 2008
logo
Oscilent Corporation
813-SL60.0M-20B OSCILENT-813-SL60.0M-20B Datasheet
213Kb / 6P
   60.0 MHz IF SAW Filter 20.05 MHz Bandwidth
logo
Transko Electronics, In...
TL06020BV TRANSKO-TL06020BV Datasheet
539Kb / 4P
   60.00 MHz IF SAW Filter / 20.05 MHz Bandwidth
Revision 0: 22 Jul. 2008
TL30719AS1 TRANSKO-TL30719AS1 Datasheet
650Kb / 4P
   307.36MHz IF SAW Filter / 20.05 MHz Bandwidth
Revision 0: 23 Aug. 2012
logo
Oscilent Corporation
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
813-SL70.0M-04 OSCILENT-813-SL70.0M-04_14 Datasheet
128Kb / 4P
   70.0 MHz IF SAW Filter 3.65 MHz Bandwidth
813-IF70.0M-14E OSCILENT-813-IF70.0M-14E Datasheet
220Kb / 6P
   70.0 MHz IF SAW Filter 14.80 MHz Bandwidth
835-IF70.0M-105A OSCILENT-835-IF70.0M-105A Datasheet
105Kb / 4P
   70.0 MHz IF SAW Filter 10.45 MHz Bandwidth
821-IF70.0M-07A OSCILENT-821-IF70.0M-07A Datasheet
184Kb / 6P
   70.0 MHz IF SAW Filter 7.28 MHz Bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com