Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7032AE Datasheet (PDF) - Altera Corporation

EPM7032AE Datasheet PDF - Altera Corporation
Part # EPM7032AE
Download  EPM7032AE Download

File Size   1018.47 Kbytes
Page   64 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device

EPM7032AE Datasheet (PDF)

Go To PDF Page Download Datasheet
EPM7032AE Datasheet PDF - Altera Corporation

Part # EPM7032AE
Download  EPM7032AE Click to download

File Size   1018.47 Kbytes
Page   64 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device

EPM7032AE Datasheet (HTML) - Altera Corporation

Back Button EPM7032AE Datasheet HTML 1Page - Altera Corporation EPM7032AE Datasheet HTML 2Page - Altera Corporation EPM7032AE Datasheet HTML 3Page - Altera Corporation EPM7032AE Datasheet HTML 4Page - Altera Corporation EPM7032AE Datasheet HTML 5Page - Altera Corporation EPM7032AE Datasheet HTML 6Page - Altera Corporation EPM7032AE Datasheet HTML 7Page - Altera Corporation EPM7032AE Datasheet HTML 8Page - Altera Corporation EPM7032AE Datasheet HTML 9Page - Altera Corporation EPM7032AE Datasheet HTML 10Page - Altera Corporation Next Button 

EPM7032AE Product details

General Description
MAX 7000A (including MAX 7000AE) devices are high-density, highperformance devices based on Altera’s second-generation MAX architecture. Fabricated with advanced CMOS technology, the EEPROMbased MAX 7000A devices operate with a 3.3-V supply voltage and provide 600 to 10,000 usable gates, ISP, pin-to-pin delays as fast as 4.5 ns, and counter speeds of up to 227.3 MHz. MAX 7000A devices in the -4, -5, -6, -7, and some -10 speed grades are compatible with the timing requirements for 33 MHz operation of the PCI Special Interest Group (PCI SIG) PCI Local Bus Specification, Revision 2.2. See Table 2.

Features...
■ High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX (MAX®) architecture (see Table 1)
■ 3.3-V in-system programmability (ISP) through the built-in IEEE Std. 1149.1 Joint Test Action Group (JTAG) interface with advanced pin-locking capability
    – MAX 7000AE device in-system programmability (ISP) circuitry compliant with IEEE Std. 1532
    – EPM7128A and EPM7256A device ISP circuitry compatible with IEEE Std. 1532
■ Built-in boundary-scan test (BST) circuitry compliant with IEEE Std. 1149.1
■ Supports JEDEC Jam Standard Test and Programming Language (STAPL) JESD-71
■ Enhanced ISP features
    – Enhanced ISP algorithm for faster programming (excluding EPM7128A and EPM7256A devices)
    – ISP_Done bit to ensure complete programming (excluding EPM7128A and EPM7256A devices)
    – Pull-up resistor on I/O pins during in-system programming
■ Pin-compatible with the popular 5.0-V MAX 7000S devices
■ High-density PLDs ranging from 600 to 10,000 usable gates
■ Extended temperature range
■ 4.5-ns pin-to-pin logic delays with counter frequencies of up to
227.3 MHz
■ MultiVoltTM I/O interface enables device core to run at 3.3 V, while I/O pins are compatible with 5.0-V, 3.3-V, and 2.5-V logic levels
■ Pin counts ranging from 44 to 256 in a variety of thin quad flat pack (TQFP), plastic quad flat pack (PQFP), ball-grid array (BGA), spacesaving FineLine BGATM, and plastic J-lead chip carrier (PLCC) packages
■ Supports hot-socketing in MAX 7000AE devices
■ Programmable interconnect array (PIA) continuous routing structure for fast, predictable performance
■ PCI-compatible
■ Bus-friendly architecture, including programmable slew-rate control
■ Open-drain output option
■ Programmable macrocell registers with individual clear, preset, clock, and clock enable controls
■ Programmable power-up states for macrocell registers in MAX 7000AE devices
■ Programmable power-saving mode for 50% or greater power reduction in each macrocell
■ Configurable expander product-term distribution, allowing up to 32 product terms per macrocell
■ Programmable security bit for protection of proprietary designs
■ 6 to 10 pin- or logic-driven output enable signals
■ Two global clock signals with optional inversion
■ Enhanced interconnect resources for improved routability
■ Fast input setup times provided by a dedicated path from I/O pin to macrocell registers
■ Programmable output slew-rate control
■ Programmable ground pins




Similar Part No. - EPM7032AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AE ALTERA-EPM7032AE Datasheet
943Kb / 60P
   Programmable Logic Device
EPM7032AE ALTERA-EPM7032AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7032AE ALTERA-EPM7032AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7032AE ALTERA-EPM7032AE Datasheet
1,018Kb / 64P
   Programmable Logic Device Family
EPM7032AE ALTERA-EPM7032AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Similar Description - EPM7032AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
   Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AEQI208-7N ALTERA-EPM7256AEQI208-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com