Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLW14R-1CLF Datasheet (PDF) - FCI connector

SLW14R-1CLF Datasheet PDF - FCI connector
Part # SLW14R-1CLF
Download  SLW14R-1CLF Download

File Size   742.4 Kbytes
Page   9 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description CART NO. TABLE FOR 1mm SPACING CONNECTOR

SLW14R-1CLF Datasheet (PDF)

Go To PDF Page Download Datasheet
SLW14R-1CLF Datasheet PDF - FCI connector

Part # SLW14R-1CLF
Download  SLW14R-1CLF Click to download

File Size   742.4 Kbytes
Page   9 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description CART NO. TABLE FOR 1mm SPACING CONNECTOR

SLW14R-1CLF Datasheet (HTML) - FCI connector

SLW14R-1CLF Datasheet HTML 1Page - FCI connector SLW14R-1CLF Datasheet HTML 2Page - FCI connector SLW14R-1CLF Datasheet HTML 3Page - FCI connector SLW14R-1CLF Datasheet HTML 4Page - FCI connector SLW14R-1CLF Datasheet HTML 5Page - FCI connector SLW14R-1CLF Datasheet HTML 6Page - FCI connector SLW14R-1CLF Datasheet HTML 7Page - FCI connector SLW14R-1CLF Datasheet HTML 8Page - FCI connector SLW14R-1CLF Datasheet HTML 9Page - FCI connector



Similar Part No. - SLW14R-1CLF

ManufacturerPart #DatasheetDescription
logo
FCI connector
SLW14R-1C7LF FCI-CONNECTOR-SLW14R-1C7LF Datasheet
742Kb / 9P
   CAT NO. TABLE FOR 1mm SPACING CONNECTOR
More results


Similar Description - SLW14R-1CLF

ManufacturerPart #DatasheetDescription
logo
FCI connector
SLW24R-1C7LF FCI-CONNECTOR-SLW24R-1C7LF Datasheet
742Kb / 9P
   CAT NO. TABLE FOR 1mm SPACING CONNECTOR
SFW4R-2STE1 FCI-CONNECTOR-SFW4R-2STE1 Datasheet
740Kb / 8P
   CAT NO. TABLE FOR 1mm SPACING SMT CONNECTOR
SFRXR-1STXXLF_DWG FCI-CONNECTOR-SFRXR-1STXXLF_DWG Datasheet
557Kb / 7P
   CAT NO. TABLE FOR 0.8mm SPACING CONNECTOR
SLP9R-2LF FCI-CONNECTOR-SLP9R-2LF Datasheet
361Kb / 5P
   CAT. No. TABLE FOR 1.25mm SPACING CONNECTOR (Cat. No. SLP R/S-2LF)
logo
Advantech Co., Ltd.
AMIS-50ETA ADVANTECH-AMIS-50ETA Datasheet
766Kb / 2P
   Telehealth Cart
18-Feb-2020
logo
Kendall Howard
ESD-EVH-1000 KENDALLHOWARD-ESD-EVH-1000 Datasheet
537Kb / 1P
   MOBILE ESD CART
logo
Advantech Co., Ltd.
AMIS-50ETB ADVANTECH-AMIS-50ETB Datasheet
807Kb / 2P
   Telehealth Cart
18-Feb-2020
AMIS-30EP ADVANTECH-AMIS-30EP Datasheet
885Kb / 2P
   Pole Cart
21-Mar-2023
logo
Hirose Electric
FX5-20P-SH HIROSE-FX5-20P-SH Datasheet
212Kb / 7P
   1mm Pitch Connector for Vertical Connection
logo
Advantech Co., Ltd.
AMIS-30EM ADVANTECH-AMIS-30EM Datasheet
540Kb / 2P
   Motor Cart
9-Mar-2023
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com