Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF6N90CT Datasheet (PDF) - Fairchild Semiconductor

FQPF6N90CT Datasheet PDF - Fairchild Semiconductor
Part # FQPF6N90CT
Download  FQPF6N90CT Download

File Size   1118.8 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3

FQPF6N90CT Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF6N90CT Datasheet PDF - Fairchild Semiconductor

Part # FQPF6N90CT
Download  FQPF6N90CT Click to download

File Size   1118.8 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3

FQPF6N90CT Datasheet (HTML) - Fairchild Semiconductor

FQPF6N90CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 8Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 9Page - Fairchild Semiconductor FQPF6N90CT Datasheet HTML 10Page - Fairchild Semiconductor

FQPF6N90CT Product details

Description

This  N-Channel  enhancement  mode  power  MOSFET  is produced using Fairchild Semiconductor’s proprietary planar stripe  and  DMOS  technology.  This  advanced  MOSFET technology  has  been  especially  tailored  to  reduce  on-state resistance,  and  to  provide  superior  switching  performance and  high  avalanche  energy  strength.  These  devices  are suitable  for  switched  mode  power  supplies,  active  power factor correction (PFC), and electronic lamp ballasts.



Features

• 6.0 A, 900 V, RDS(on)= 2.3 Ω(Max.) @ VGS= 10 V,ID= 3.0 A

• Low Gate Charge (Typ. 30nC)

• Low Crss (Typ. 11pF)

• 100% Avalanche Tested




Similar Part No. - FQPF6N90CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6N90C FAIRCHILD-FQPF6N90C Datasheet
860Kb / 10P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF6N90C ISC-FQPF6N90C Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FQPF6N90CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
FQD2N90TF FAIRCHILD-FQD2N90TF Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 900 V, 1.7 A, 7.2 廓
FQA11N90F109 FAIRCHILD-FQA11N90F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com