Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HB54R1G9F2U Datasheet (PDF) - Elpida Memory

HB54R1G9F2U Datasheet PDF - Elpida Memory
Part No. HB54R1G9F2U
Download  HB54R1G9F2U Click to view

File Size   159.79 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 1GB Registered DDR SDRAM DIMM

HB54R1G9F2U Datasheet (PDF)

Go To PDF Page Download Datasheet
HB54R1G9F2U Datasheet PDF - Elpida Memory

Part No. HB54R1G9F2U
Download  HB54R1G9F2U Click to view

File Size   159.79 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 1GB Registered DDR SDRAM DIMM

HB54R1G9F2U Datasheet (HTML) - Elpida Memory

Back Button HB54R1G9F2U Datasheet HTML 1Page - Elpida Memory HB54R1G9F2U Datasheet HTML 2Page - Elpida Memory HB54R1G9F2U Datasheet HTML 3Page - Elpida Memory HB54R1G9F2U Datasheet HTML 4Page - Elpida Memory HB54R1G9F2U Datasheet HTML 5Page - Elpida Memory HB54R1G9F2U Datasheet HTML 6Page - Elpida Memory HB54R1G9F2U Datasheet HTML 7Page - Elpida Memory HB54R1G9F2U Datasheet HTML 8Page - Elpida Memory HB54R1G9F2U Datasheet HTML 9Page - Elpida Memory HB54R1G9F2U Datasheet HTML 10Page - Elpida Memory Next Button 

HB54R1G9F2U Product details

Description
The HB54R1G9F2U is a 128M × 72 × 2 rank Double Data Rate (DDR) SDRAM Module, mounting 36 pieces of 256Mbits DDR SDRAM sealed in TCP package, 1 piece of PLL clock driver, 2 pieces of register driver and 1 piece of serial EEPROM (2k bits EEPROM) for Presence Detect (PD). Read and write operations are performed at the cross points of the CK and the /CK. This high-speed data transfer is realized by the 2-bit prefetch-pipelined architecture. Data strobe (DQS) both for read and write are available for high speed and reliable data bus design. By setting extended mode register, the on-chip Delay Locked Loop (DLL) can be set enable or disable. An outline of the products is 184-pin socket type package (dual lead out). Therefore, it makes high density mounting possible without surface mount technology. It provides common data inputs and outputs. Decoupling capacitors are mounted beside each TCP on the module board.

Features
• 184-pin socket type package (dual lead out)
 - Outline: 133.35mm (Length) × 30.48mm (Height) × 4.80mm (Thickness)
 - Lead pitch: 1.27mm
• 2.5V power supply (VCC/VCCQ)
• SSTL-2 interface for all inputs and outputs
• Clock frequency: 133MHz/125MHz (max.)
• Data inputs and outputs are synchronized with DQS
• 4 banks can operate simultaneously and independently (Component)
• Burst read/write operation
• Programmable burst length: 2, 4, 8
 - Burst read stop capability
• Programmable burst sequence
 - Sequential
 - Interleave
• Start addressing capability
 - Even and Odd
• Programmable /CAS latency (CL): 3, 3.5
• 8192 refresh cycles: 7.8µs (8192/64ms)
• 2 variations of refresh
 - Auto refresh
 - Self refresh



Similar Part No. - HB54R1G9F2U

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
HB54R1G9F2U-10B ELPIDA-HB54R1G9F2U-10B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2U-B75B ELPIDA-HB54R1G9F2U-B75B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
More results

Similar Description - HB54R1G9F2U

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
HB54R1G9F2-B75B ELPIDA-HB54R1G9F2-B75B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
EBD11RD8ADFA ELPIDA-EBD11RD8ADFA Datasheet
166Kb / 19P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2 ELPIDA-HB54R1G9F2 Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
EBD10RD4ABFA ELPIDA-EBD10RD4ABFA Datasheet
197Kb / 19P
   1GB Registered DDR SDRAM DIMM
EBD10RD4ABFB ELPIDA-EBD10RD4ABFB Datasheet
189Kb / 18P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2U-B75B ELPIDA-HB54R1G9F2U-B75B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
EBD11RD8ABFA ELPIDA-EBD11RD8ABFA Datasheet
197Kb / 19P
   1GB Registered DDR SDRAM DIMM
List of Unclassifed Manufacturers
List of Unclassifed Man...
SDR12872D1B62MT-50R ETC2-SDR12872D1B62MT-50R Datasheet
810Kb / 13P
   1GB DDR ??SDRAM registered DIMM
Hynix Semiconductor
Hynix Semiconductor
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz