Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4R128FKE8D Datasheet (PDF) - Elpida Memory

MC-4R128FKE8D Datasheet PDF - Elpida Memory
Part # MC-4R128FKE8D
Download  MC-4R128FKE8D Download

File Size   113.89 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)

MC-4R128FKE8D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-4R128FKE8D Datasheet PDF - Elpida Memory

Part # MC-4R128FKE8D
Download  MC-4R128FKE8D Click to download

File Size   113.89 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)

MC-4R128FKE8D Datasheet (HTML) - Elpida Memory

Back Button MC-4R128FKE8D Datasheet HTML 1Page - Elpida Memory MC-4R128FKE8D Datasheet HTML 2Page - Elpida Memory MC-4R128FKE8D Datasheet HTML 3Page - Elpida Memory MC-4R128FKE8D Datasheet HTML 4Page - Elpida Memory MC-4R128FKE8D Datasheet HTML 5Page - Elpida Memory MC-4R128FKE8D Datasheet HTML 6Page - Elpida Memory MC-4R128FKE8D Datasheet HTML 7Page - Elpida Memory MC-4R128FKE8D Datasheet HTML 8Page - Elpida Memory MC-4R128FKE8D Datasheet HTML 9Page - Elpida Memory MC-4R128FKE8D Datasheet HTML 10Page - Elpida Memory Next Button 

MC-4R128FKE8D Product details

Description

The Direct Rambus RIMM module is a general-purpose high-performance memory module subsystem suitable for use in a broad range of applications including computer memory, personal computers, workstations, and other applications where high bandwidth and low latency are required.

MC-4R128FKE8D modules consists of four 288M Direct Rambus DRAM (Direct RDRAM) devices (µPD488588). These are extremely high-speed CMOS DRAMs organized as 16M words by 18 bits. The use of Rambus Signaling Level (RSL) technology permits 600MHz, 711MHz or 800MHz transfer rates while using conventional system and board design technologies.

Direct RDRAM devices are capable of sustained data transfers at 1.25 ns per two bytes (10 ns per sixteen bytes). The architecture of the Direct RDRAM enables the highest sustained bandwidth for multiple, simultaneous, randomly addressed memory transactions. The separate control and data buses with independent row and column control yield over 95 % bus efficiency. The Direct RDRAMs 32 banks support up to four simultaneous transactions per device.



Features

• 184 edge connector pads with 1mm pad spacing

• 128 MB Direct RDRAM storage

• Each RDRAM has 32 banks, for 128 banks total on module

• Gold plated contacts

• RDRAMs use Chip Scale Package (CSP)

• Serial Presence Detect support

• Operates from a 2.5 V supply

• Powerdown self refresh modes

• Separate Row and Column buses for higher efficiency

• Over Drive Factor (ODF) support



 




Similar Part No. - MC-4R128FKE8D

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R128FKE8D-840 ELPIDA-MC-4R128FKE8D-840 Datasheet
127Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
More results


Similar Description - MC-4R128FKE8D

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R128FKE8D-840 ELPIDA-MC-4R128FKE8D-840 Datasheet
127Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S-840 ELPIDA-MC-4R128FKE8S-840 Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S ELPIDA-MC-4R128FKE8S Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128CPE6C ELPIDA-MC-4R128CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
logo
NEC
MC-4R128CPE6C NEC-MC-4R128CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R64FKE8D-840 ELPIDA-MC-4R64FKE8D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
MC-4R256FKE8D-840 ELPIDA-MC-4R256FKE8D-840 Datasheet
128Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com