Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3150-500E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-3150-500E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-3150-500E
Download  HCPL-3150-500E Download

File Size   242.1 Kbytes
Page   21 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)

HCPL-3150-500E Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-3150-500E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3150-500E
Download  HCPL-3150-500E Click to download

File Size   242.1 Kbytes
Page   21 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)

HCPL-3150-500E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3150-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HCPL-3150-500E Product details

Description
The HCPL-315X consists of an LED optically coupled to an integrated circuit with a power output stage. This optocoupler is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate controlled devices. The voltage and current supplied by this optocoupler makes it ideally suited for directly driving IGBTs with ratings up to 1200 V/50 A. For IGBTs with higher ratings, the HCPL-3150/315J can be used to drive a discrete power stage which drives the IGBT gate.

Features
• 0.6A maximum peak output current
• 0.5 A minimum peak output current
• 15 kV/μs minimum Common Mode Rejection (CMR) at VCM = 1500 V
• 1.0V maximum low level output voltage (VOL) eliminates need for negative gate drive
• ICC = 5 mA maximum supply current
• Under Voltage Lock-Out protection (UVLO) with hysteresis
• Wide operating VCC range: 15 to 30 volts
• 0.5 μs maximum propagation delay
• +/– 0.35 μs maximum delay between devices/ channels
• Industrial temperature range: -40°C to 100°C
• HCPL-315J: channel one to channel two output isolation = 1500 Vrms/1 min.
• Safety and regulatory approval:
    UL recognized (UL1577),
        3750 Vrms/1 min (HCPL-3150)
        5000 Vrms/1 min (HCPL-315J)
    IEC/EN/DIN EN 60747-5-2 approved
        VIORM = 630 Vpeak (HCPL-3150 option 060 only)
        VIORM = 1230 Vpeak (HCPL-315J) CSA certified

Applications
• Isolated IGBT/MOSFET gate drive
• AC and brushless dc motor drives
• Industrial inverters
• Switch Mode Power Supplies (SMPS)
• Uninterruptable Power Supplies (UPS)




Similar Part No. - HCPL-3150-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results


Similar Description - HCPL-3150-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-0500-500E AVAGO-HCPL-0500-500E Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
HCPL-0500-000E AVAGO-HCPL-0500-000E Datasheet
514Kb / 17P
   HCPL-2502/0452/0453/0500/0501/4502/4503 Single Channel, High Speed Optocouplers
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com