Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD7N20L Datasheet (PDF) - Fairchild Semiconductor

FQD7N20L Datasheet PDF - Fairchild Semiconductor
Part # FQD7N20L
Download  FQD7N20L Download

File Size   762.32 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET짰 MOSFET

FQD7N20L Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD7N20L Datasheet PDF - Fairchild Semiconductor

Part # FQD7N20L
Download  FQD7N20L Click to download

File Size   762.32 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET짰 MOSFET

FQD7N20L Datasheet (HTML) - Fairchild Semiconductor

FQD7N20L Datasheet HTML 1Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 2Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 3Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 4Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 5Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 6Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 7Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 8Page - Fairchild Semiconductor

FQD7N20L Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology is especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation modes. These devices are well suited for high efficiency switching DC/DC converters, switch mode power supplies, and motor control.

Features
• 5.5A, 200V, RDS(on) = 0.75Ω @VGS = 10 V
• Low gate charge ( typical 6.8 nC)
• Low Crss ( typical 8.5 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• Low level gate drive requirement allowing direct operation from logic drivers




Similar Part No. - FQD7N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD7N20L FAIRCHILD-FQD7N20L Datasheet
570Kb / 9P
   200V LOGIC N-Channel MOSFET
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
   200V N-Channel Enhancement Mode Power MOSFET
logo
Fairchild Semiconductor
FQD7N20L FAIRCHILD-FQD7N20L_08 Datasheet
627Kb / 9P
   200V LOGIC N-Channel MOSFET
More results


Similar Description - FQD7N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU13N06LTU FAIRCHILD-FQU13N06LTU Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
FQD2N60CTM FAIRCHILD-FQD2N60CTM Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
FQT4N25TF FAIRCHILD-FQT4N25TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD2N60CTF FAIRCHILD-FQD2N60CTF Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQD2N90TM FAIRCHILD-FQD2N90TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
FQU2N100TU FAIRCHILD-FQU2N100TU Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
FQB30N06LTM FAIRCHILD-FQB30N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com