Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI600NT-060 Datasheet (PDF) - Fuji Electric

2MBI600NT-060 Datasheet PDF - Fuji Electric
Part # 2MBI600NT-060
Download  2MBI600NT-060 Download

File Size   179.34 Kbytes
Page   5 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description IGBT(600V 600A)

2MBI600NT-060 Datasheet (PDF)

Go To PDF Page Download Datasheet
2MBI600NT-060 Datasheet PDF - Fuji Electric

Part # 2MBI600NT-060
Download  2MBI600NT-060 Click to download

File Size   179.34 Kbytes
Page   5 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description IGBT(600V 600A)

2MBI600NT-060 Datasheet (HTML) - Fuji Electric

2MBI600NT-060 Datasheet HTML 1Page - Fuji Electric 2MBI600NT-060 Datasheet HTML 2Page - Fuji Electric 2MBI600NT-060 Datasheet HTML 3Page - Fuji Electric 2MBI600NT-060 Datasheet HTML 4Page - Fuji Electric 2MBI600NT-060 Datasheet HTML 5Page - Fuji Electric

2MBI600NT-060 Product details

Features
• Square RBSOA
• Low Saturation Voltage
• Less Total Power Dissipation
• Improved FWD Characteristic
• Minimized Internal Stray Inductance
• Overcurrent Limiting Function (~3 Times Rated Current)

Applications
• High Power Switching
• A.C. Motor Controls
• D.C. Motor Controls
• Uninterruptible Power Supply




Similar Part No. - 2MBI600NT-060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2MBI600TN-060V ETC1-2MBI600TN-060V Datasheet
659Kb / 2P
   IGBT Module for Hybrid Electric Vehicle
logo
Fuji Electric
2MBI600U2E-060 FUJI-2MBI600U2E-060 Datasheet
76Kb / 4P
   IGBT Module
2MBI600U4G-120 FUJI-2MBI600U4G-120 Datasheet
611Kb / 6P
   IGBT MODULE (U series) 1200V / 600A / 2 in one package
2MBI600U4G-170 FUJI-2MBI600U4G-170 Datasheet
485Kb / 6P
   IGBT MODULE
2MBI600VD-060-50 FUJI-2MBI600VD-060-50 Datasheet
439Kb / 6P
   IGBT MODULE (V series) 600V / 600A / 2 in one package
More results


Similar Description - 2MBI600NT-060

ManufacturerPart #DatasheetDescription
logo
MacMic
MMG600K060U6EN MACMIC-MMG600K060U6EN Datasheet
278Kb / 5P
   600V 600A IGBT Module
logo
Littelfuse
MG06600WB-BN4MM LITTELFUSE-MG06600WB-BN4MM Datasheet
1Mb / 5P
   600V 600A IGBT Module
logo
MacMic
MMG600WB060B6EN MACMIC-MMG600WB060B6EN Datasheet
541Kb / 6P
   600V 600A IGBT Module
MMG600WB060DAK6EN MACMIC-MMG600WB060DAK6EN Datasheet
414Kb / 5P
   600V 600A IGBT Module
logo
Nihon Inter Electronics...
PHMB600A6 NIEC-PHMB600A6 Datasheet
108Kb / 3P
   IGBT MODULE Single 600A 600V
logo
Micross Components
MIMMG600WB060B6N MICROSS-MIMMG600WB060B6N Datasheet
2Mb / 5P
   600V 600A IGBT Module RoHS Compliant
logo
National Instruments Co...
PCHMB600E6 NI-PCHMB600E6_15 Datasheet
298Kb / 4P
   600A, 600V
logo
Powerex Power Semicondu...
PP600D060 POWEREX-PP600D060 Datasheet
362Kb / 6P
   POW-R-PAK 600A / 600V Half Bridge IGBT Assembly
logo
International Rectifier
OM9403SD IRF-OM9403SD Datasheet
35Kb / 3P
   IGBT GATE DRIVER For Driving IGBT Modules 600V and 1200V, 150A to 600A
logo
Fuji Electric
2MBI600VD-060-50 FUJI-2MBI600VD-060-50 Datasheet
439Kb / 6P
   IGBT MODULE (V series) 600V / 600A / 2 in one package
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com