Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD617CSD Datasheet (PDF) - Fairchild Semiconductor

FOD617CSD Datasheet PDF - Fairchild Semiconductor
Part # FOD617CSD
Download  FOD617CSD Download

File Size   723.31 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers

FOD617CSD Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD617CSD Datasheet PDF - Fairchild Semiconductor

Part # FOD617CSD
Download  FOD617CSD Click to download

File Size   723.31 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers

FOD617CSD Datasheet (HTML) - Fairchild Semiconductor

Back Button FOD617CSD Datasheet HTML 1Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 2Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 3Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 4Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 5Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 6Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 7Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 8Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 9Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FOD617CSD Product details

Description
The FOD814 consists of two gallium arsenide infrared emitting diodes, connected in inverse parallel, driving a silicon phototransistor output in a 4-pin dual in-line package. The FOD617/817 Series consists of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a 4-pin dual in-line package.

Features
■ AC input response (FOD814 only)
■ Applicable to Pb-free IR reflow soldering
■ Compact 4-pin package
■ Current transfer ratio in selected groups:
    FOD617A: 40–80% FOD817: 50–600%
    FOD617B: 63–125% FOD817A:80–160%
    FOD617C:100–200% FOD817B: 130–260%
    FOD617D:160–320% FOD817C:200–400%
    FOD814: 20–300% FOD817D:300–600%
    FOD814A: 50–150%
■ C-UL, UL and VDE approved
■ High input-output isolation voltage of 5000Vrms
■ Higher operating temperatures (versus FODXXX counterparts)
■ Minimum BVCEO of 70V guaranteed

Applications
FOD814 Series
■ AC line monitor
■ Unknown polarity DC sensor
■ Telephone line interface

FOD617 and FOD817 Series
■ Power supply regulators
■ Digital logic inputs
■ Microprocessor inputs




Similar Part No. - FOD617CSD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617C FAIRCHILD-FOD617C Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
More results


Similar Description - FOD617CSD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817A3SD FAIRCHILD-FOD817A3SD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A3S FAIRCHILD-FOD817A3S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com