Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD13N06 Datasheet (PDF) - Fairchild Semiconductor

FQD13N06 Datasheet PDF - Fairchild Semiconductor
Part # FQD13N06
Download  FQD13N06 Download

File Size   803.8 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓

FQD13N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD13N06 Datasheet PDF - Fairchild Semiconductor

Part # FQD13N06
Download  FQD13N06 Click to download

File Size   803.8 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓

FQD13N06 Datasheet (HTML) - Fairchild Semiconductor

FQD13N06 Datasheet HTML 1Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 2Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 3Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 4Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 5Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 6Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 7Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 8Page - Fairchild Semiconductor

FQD13N06 Product details

Description
This N-Channel enhancement mode power MOSFET is produced using Fairchild Semiconductor’s proprietary planar stripe and DMOS technology. This advanced MOSFET technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for switched mode power supplies, active power factor correction (PFC), and electronic lamp ballasts.

Features
• 10 A, 60 V, RDS(on) = 140 mΩ (Max.) @ VGS = 10 V, ID = 5.0 A
• Low Gate Charge (Typ. 5.8 nC)
• Low Crss (Typ. 15 pF)
• 100% Avalanche Tested




Similar Part No. - FQD13N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
   60V N-Channel MOSFET
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
logo
Inchange Semiconductor ...
FQD13N06 ISC-FQD13N06 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
More results


Similar Description - FQD13N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQT13N06TF FAIRCHILD-FQT13N06TF Datasheet
774Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
FQI50N06TU FAIRCHILD-FQI50N06TU Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
FQD30N06TM FAIRCHILD-FQD30N06TM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 22.7 A, 45 m廓
FQU13N06TU FAIRCHILD-FQU13N06TU Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com