Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2-3SNJ Datasheet (PDF) - NEC

EC2-3SNJ Datasheet PDF - NEC
Part # EC2-3SNJ
Download  EC2-3SNJ Download

File Size   100.73 Kbytes
Page   11 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE

EC2-3SNJ Datasheet (PDF)

Go To PDF Page Download Datasheet
EC2-3SNJ Datasheet PDF - NEC

Part # EC2-3SNJ
Download  EC2-3SNJ Click to download

File Size   100.73 Kbytes
Page   11 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE

EC2-3SNJ Datasheet (HTML) - NEC

Back Button EC2-3SNJ Datasheet HTML 1Page - NEC EC2-3SNJ Datasheet HTML 2Page - NEC EC2-3SNJ Datasheet HTML 3Page - NEC EC2-3SNJ Datasheet HTML 4Page - NEC EC2-3SNJ Datasheet HTML 5Page - NEC EC2-3SNJ Datasheet HTML 6Page - NEC EC2-3SNJ Datasheet HTML 7Page - NEC EC2-3SNJ Datasheet HTML 8Page - NEC EC2-3SNJ Datasheet HTML 9Page - NEC EC2-3SNJ Datasheet HTML 10Page - NEC Next Button 

EC2-3SNJ Product details

DESCRIPTION
The EC2 series has reduced mounting space but sustained high-performance of NEC EA2 series. Furthermore, it complies with 2500 V surge-voltage requirement of Bellcore specification.

FEATURES
• Compact and light weight
• 2 form c contact arrangement
• Low power consumption
• Reduced mounting space : 15 mm × 7.5 mm
• High-breakdown voltage of coil to contacts : 1500 Vac, 2500 V (rise time : 2 µs, fall time : 10 µs)
• Capable of High-power switching : 700 Vac, 4.2 A, 4 times in case of accident
• UL recognized (E73266), CAS certified (LR46266)

APPLICATIONS
  Electronic switching systems, PBX, terminal equipment, telephone systems.




Similar Part No. - EC2-3SNJ

ManufacturerPart #DatasheetDescription
logo
NEC
EC2-3SNJ NEC-EC2-3SNJ Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
More results


Similar Description - EC2-3SNJ

ManufacturerPart #DatasheetDescription
logo
NEC
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
   COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
EC29SND NEC-EC29SND Datasheet
142Kb / 12P
   High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
ED29SNU NEC-ED29SNU Datasheet
159Kb / 16P
   Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
logo
Panasonic Semiconductor
ERJ-8GEYJ182V PANASONIC-ERJ-8GEYJ182V Datasheet
84Kb / 2P
   Small size and lightweight
ERJ-8GEYJ102V PANASONIC-ERJ-8GEYJ102V Datasheet
84Kb / 2P
   Small size and lightweight
logo
NEC
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com