Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3807A Datasheet (PDF) - Fujitsu Component Limited.

MB3807A Datasheet PDF - Fujitsu Component Limited.
Part # MB3807A
Download  MB3807A Download

File Size   123.18 Kbytes
Page   15 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Power Management Switching IC (with flash memory power switching function)

MB3807A Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3807A Datasheet PDF - Fujitsu Component Limited.

Part # MB3807A
Download  MB3807A Click to download

File Size   123.18 Kbytes
Page   15 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Power Management Switching IC (with flash memory power switching function)

MB3807A Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB3807A Datasheet HTML 1Page - Fujitsu Component Limited. MB3807A Datasheet HTML 2Page - Fujitsu Component Limited. MB3807A Datasheet HTML 3Page - Fujitsu Component Limited. MB3807A Datasheet HTML 4Page - Fujitsu Component Limited. MB3807A Datasheet HTML 5Page - Fujitsu Component Limited. MB3807A Datasheet HTML 6Page - Fujitsu Component Limited. MB3807A Datasheet HTML 7Page - Fujitsu Component Limited. MB3807A Datasheet HTML 8Page - Fujitsu Component Limited. MB3807A Datasheet HTML 9Page - Fujitsu Component Limited. MB3807A Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB3807A Product details

DESCRIPTION
When data is written to or read from flash memory, it requires that the voltage at its power supply (VPP) be switched (to 12 V for writing and to 3.3 or 5.0 V for reading).
The MB3807A is a power management switching IC, designed to be compatible with the PCMCIA digital controller, to switch the VPP voltage of flash memory.

FEATURES
• Switching at low ON resistance
    For writing data: SWIN1 = 12 V, Ron = 0.3 Ω
    For reading data: SWIN2 = 5 V, Ron = 6.0 Ω SWIN2 = 3.3 V, Ron = 8.5 Ω
• Wide range of supply voltages: VCC = 2.7 to 5.5 V
• Prevention of reverse current from the load at switch-off time
• ON time controllable with external pin
• Break-before-make operation




Similar Part No. - MB3807A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3800 FUJITSU-MB3800 Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
MB3800 FUJITSU-MB3800 Datasheet
287Kb / 20P
   Switching Regulator Controller (Low Voltage)
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Fujitsu Component Limit...
MB3800PF FUJITSU-MB3800PF Datasheet
151Kb / 18P
   Switching Regulator Controller (Low Voltage)
More results


Similar Description - MB3807A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
LP3913 TI1-LP3913 Datasheet
3Mb / 70P
[Old version datasheet]   Power Management IC for Flash Memory-Based Portable Media Players
logo
Fuji Electric
FA3647 FUJI-FA3647 Datasheet
406Kb / 21P
   PWM control IC with light load power saving function For Switching Power Supply Control
logo
List of Unclassifed Man...
THX203H ETC-THX203H Datasheet
480Kb / 21P
   Switching Power Controller IC
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Microchip Technology
SAMA5D27-SOM1 MICROCHIP-SAMA5D27-SOM1 Datasheet
1Mb / 46P
   64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
2017
logo
New Japan Radio
NJU7632 NJRC-NJU7632 Datasheet
174Kb / 9P
   Step-Down switching regulator IC with standby function
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com