Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP20N06TSTU Datasheet (PDF) - Fairchild Semiconductor

FQP20N06TSTU Datasheet PDF - Fairchild Semiconductor
Part # FQP20N06TSTU
Download  FQP20N06TSTU Download

File Size   721.8 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 60 V, 20 A, 60 m

FQP20N06TSTU Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP20N06TSTU Datasheet PDF - Fairchild Semiconductor

Part # FQP20N06TSTU
Download  FQP20N06TSTU Click to download

File Size   721.8 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 60 V, 20 A, 60 m

FQP20N06TSTU Datasheet (HTML) - Fairchild Semiconductor

FQP20N06TSTU Datasheet HTML 1Page - Fairchild Semiconductor FQP20N06TSTU Datasheet HTML 2Page - Fairchild Semiconductor FQP20N06TSTU Datasheet HTML 3Page - Fairchild Semiconductor FQP20N06TSTU Datasheet HTML 4Page - Fairchild Semiconductor FQP20N06TSTU Datasheet HTML 5Page - Fairchild Semiconductor FQP20N06TSTU Datasheet HTML 6Page - Fairchild Semiconductor FQP20N06TSTU Datasheet HTML 7Page - Fairchild Semiconductor FQP20N06TSTU Datasheet HTML 8Page - Fairchild Semiconductor



Similar Part No. - FQP20N06TSTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
   60V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP20N06 ISC-FQP20N06 Datasheet
367Kb / 3P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP20N06L ISC-FQP20N06L Datasheet
267Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
FQP20N06L VBSEMI-FQP20N06L Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results


Similar Description - FQP20N06TSTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD20N06LTF FAIRCHILD-FQD20N06LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 60 V, 17.2 A, 42 m
FQU13N06TU FAIRCHILD-FQU13N06TU Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
FQB11P06TM FAIRCHILD-FQB11P06TM Datasheet
1Mb / 9P
   P-Channel QFET MOSFET -60 V, -11.4 A, 175 m廓
logo
ON Semiconductor
NTD5867NL ONSEMI-NTD5867NL Datasheet
144Kb / 7P
   N-Channel Power MOSFET 60 V, 20 A, 39 m
March, 2010 ??Rev. 0
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
   MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
logo
Fairchild Semiconductor
FQD1N80TF FAIRCHILD-FQD1N80TF Datasheet
760Kb / 9P
   N-Channel QFET MOSFET 800 V, 1.0 A, 20
logo
ON Semiconductor
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
117Kb / 6P
   60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0
FDB86569-F085 ONSEMI-FDB86569-F085 Datasheet
3Mb / 8P
   MOSFET ??N-Channel, POWERTRENCH 60 V, 80 A, 5.6 m
May, 2020 ??Rev. 3
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com