Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA060-180-38-27 Datasheet (PDF) - Transcom, Inc.

TA060-180-38-27 Datasheet PDF - Transcom, Inc.
Part # TA060-180-38-27
Download  TA060-180-38-27 Download

File Size   74.38 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 6 ~ 18 GHz 38dB Gain 27dBm Power Amplifier2

TA060-180-38-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA060-180-38-27 Datasheet PDF - Transcom, Inc.

Part # TA060-180-38-27
Download  TA060-180-38-27 Click to download

File Size   74.38 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 6 ~ 18 GHz 38dB Gain 27dBm Power Amplifier2

TA060-180-38-27 Datasheet (HTML) - Transcom, Inc.

TA060-180-38-27 Datasheet HTML 1Page - Transcom, Inc. TA060-180-38-27 Datasheet HTML 2Page - Transcom, Inc.



Similar Part No. - TA060-180-38-27

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA060-180-30-20 TRANSCOM-TA060-180-30-20 Datasheet
77Kb / 2P
   6 ~ 18 GHz 20dBm Low Noise Amplifier
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
   6 - 18 GHz 28 dBm Amplifier
TA060-180-35-20 TRANSCOM-TA060-180-35-20 Datasheet
77Kb / 2P
   6 ~ 18 GHz 20dBm Power Amplifier
TA060-180-35-24 TRANSCOM-TA060-180-35-24 Datasheet
48Kb / 2P
   6.0 ??18.0 GHz 24dBmAmplifiers
More results


Similar Description - TA060-180-38-27

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA060-180-28-27 TRANSCOM-TA060-180-28-27 Datasheet
63Kb / 2P
   6 ~ 18 GHz 27dBm Medium Power Amplifier
TA020-060-20-27 TRANSCOM-TA020-060-20-27 Datasheet
63Kb / 2P
   2 ~ 6 GHz 22dB Gain 27dBm Power Amplifier
TA060-120-35-27 TRANSCOM-TA060-120-35-27 Datasheet
77Kb / 2P
   6 ~ 12GHz 35dB Gain 27dBm Power Amplifier
TA060-120-15-27 TRANSCOM-TA060-120-15-27 Datasheet
52Kb / 2P
   6.0 ??12.0 GHz 17dB Gain 27dBm Amplifiers
TA020-060-30-27 TRANSCOM-TA020-060-30-27 Datasheet
63Kb / 2P
   2 ~ 6GHz 30dB Gain 27dBm Power Amplifier
TM060-180-11-21 TRANSCOM-TM060-180-11-21 Datasheet
23Kb / 1P
   6-18 GHz 21 dBm Gain Module
TM060-180-10-14 TRANSCOM-TM060-180-10-14 Datasheet
25Kb / 1P
   6 - 18 GHz 14 dBm Gain Module
TM060-180-09-26 TRANSCOM-TM060-180-09-26 Datasheet
23Kb / 1P
   6-18 GHz 26 dBm Gain Module
logo
Teledyne Technologies I...
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com